Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-MBRB4045CTHM3 Datasheet (PDF) - Vishay Siliconix

VS-MBRB4045CTHM3 Datasheet PDF - Vishay Siliconix
Part # VS-MBRB4045CTHM3_V01
Download  VS-MBRB4045CTHM3 Download
File Size   202.28 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 20 A

VS-MBRB4045CTHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-MBRB4045CTHM3 Datasheet PDF - Vishay Siliconix

Part # VS-MBRB4045CTHM3_V01
Download  VS-MBRB4045CTHM3 Click to download

File Size   202.28 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 2 x 20 A

VS-MBRB4045CTHM3 Datasheet (HTML) - Vishay Siliconix


VS-MBRB4045CTHM3 Product details

FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High purity, high temperature epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified, meets JESD 201 class 1A whisker
test
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

DESCRIPTION
The center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.




Similar Part No. - VS-MBRB4045CTHM3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBRB4045CTHM3 VISHAY-VS-MBRB4045CTHM3 Datasheet
199Kb / 8P
Schottky Rectifier, 2 x 20 A
06-Mar-14
More results


Similar Description - VS-MBRB4045CTHM3_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ050 VISHAY-40CPQ050 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ080PBF VISHAY-40CPQ080PBF Datasheet
119Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CTQ045PBF VISHAY-40CTQ045PBF Datasheet
118Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40L15CTSPBF VISHAY-40L15CTSPBF Datasheet
129Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
43CTQ080GS VISHAY-43CTQ080GS Datasheet
131Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
43CTQ080SPBF VISHAY-43CTQ080SPBF Datasheet
131Kb / 6P
Schottky Rectifier, 2 x 20 A
29-Jul-08
MBRB4045CTPBF VISHAY-MBRB4045CTPBF Datasheet
123Kb / 6P
Schottky Rectifier, 2 x 20 A
14-Aug-08
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com