Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA2598 Datasheet (PDF) - Qorvo, Inc

TGA2598 Datasheet PDF - Qorvo, Inc
Part # TGA2598
Download  TGA2598 Download
File Size   457.25 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 6 ??12 GHz 2W GaN Driver Amplifier

TGA2598 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2598 Datasheet PDF - Qorvo, Inc

Part # TGA2598
Download  TGA2598 Click to download

File Size   457.25 Kbytes
Page   13 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 6 ??12 GHz 2W GaN Driver Amplifier

TGA2598 Datasheet (HTML) - Qorvo, Inc


TGA2598 Product details

Key Features
• Frequency Range: 6 – 12 GHz
• PSAT: >33 dBm
• PAE: >31%
• Small Signal Gain: >21 dB
• Input Return Loss: >9 dB
• Output Return Loss: >11 dB
• Bias: VD = 25 V, IDQ = 100 mA, VG = - 2.6 V Typical
• Chip Dimensions: 2.14 x 1.11 x 0.10 mm




Similar Part No. - TGA2598

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2598 TRIQUINT-TGA2598 Datasheet
581Kb / 13P
6 12GHz 2W GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM Datasheet
757Kb / 14P
6 to 12 GHz 2W GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
6 to 12 GHz 2W GaN Driver Amplifier
TGA2598 TRIQUINT-TGA2598_15 Datasheet
581Kb / 13P
6 12GHz 2W GaN Driver Amplifier
More results


Similar Description - TGA2598

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
2 6 GHz GaN Driver Amplifier
TGA2598 TRIQUINT-TGA2598_15 Datasheet
581Kb / 13P
6 12GHz 2W GaN Driver Amplifier
TGA2598-SM TRIQUINT-TGA2598-SM_15 Datasheet
757Kb / 14P
6 to 12 GHz 2W GaN Driver Amplifier
TGA2627-SM TRIQUINT-TGA2627-SM_15 Datasheet
1Mb / 16P
6 to 12 GHz GaN Driver Amplifier
TGA2958 TRIQUINT-TGA2958_15 Datasheet
561Kb / 13P
13 to 18 GHz 2W GaN Driver Amplifier
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
6-12 GHz 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590-CP QORVO-TGA2590-CP Datasheet
457Kb / 11P
6 ??12 GHz 30 W GaN Power Amplifier
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
6-12 GHz 30W GaN Power Amplifier
QPA2598 QORVO-QPA2598 Datasheet
1Mb / 17P
6 – 12 GHz 2.5 W GaN Driver Amplifier
March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com