Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZD27B Datasheet (PDF) - Vishay Siliconix

BZD27B Datasheet PDF - Vishay Siliconix
Part # BZD27B
Download  BZD27B Download
File Size   122.82 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

BZD27B Datasheet (PDF)

Go To PDF Page Download Datasheet
BZD27B Datasheet PDF - Vishay Siliconix

Part # BZD27B
Download  BZD27B Click to download

File Size   122.82 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Zener Diodes with Surge Current Specification

BZD27B Datasheet (HTML) - Vishay Siliconix


BZD27B Product details

FEATURES
• Sillicon planar Zener diodes
• Voltage range includes 43 breakdown
voltages from 3.6 V to 200 V with ± 2 %
for BZD27B Series
• Low profile surface-mount package
• Zener and surge current specification
• Low leakage current
• Excellent stability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Meets JESD 201 class 2 whisker test
• ESD capability according to AEC-Q101:
human body model: > 8 kV
machine model: > 800 V
• Wave and reflow solderable
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, and commercial grade
• Base P/N-HE3 - RoHS-compliant, and AEC-Q101 qualified
• Compatible to SOD-123W package case outline or
SOD-123F and SOD-123FL
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - BZD27B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
Zener Diodes with Surge Current Specification
29-Oct-15
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
Zener Diodes with Surge Current Specification
29-Oct-15
BZD27B-M VISHAY-BZD27B-M Datasheet
123Kb / 7P
Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B100P VISHAY-BZD27B100P Datasheet
129Kb / 8P
Zener Diodes with Surge Current Specification
29-Oct-15
More results


Similar Description - BZD27B

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
Zener Diodes with Surge Current Specification
13-Jul-05
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
Zener Diodes with Surge Current Specification
15-Sep-05
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
Zener Diodes with Surge Current Specification
26-Aug-10
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
Zener Diodes with Surge Current Specification
29-Nov-11
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
Zener Diodes with Surge Current Specification
13-Aug-14
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
Zener Diodes with Surge Current Specification
29-Oct-15
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
Zener Diodes with Surge Current Specification
29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
Zener Diodes with Surge Current Specification
15-Oct-15
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
Zener Diodes with Surge Current Specification
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com