Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0432 Datasheet (PDF) - DAICO Industries, Inc.

DS0432 Datasheet PDF - DAICO Industries, Inc.
Part # DS0432
Download  DS0432 Download
File Size   129.11 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description 2 Watt PIN Diode SP2T

DS0432 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS0432 Datasheet PDF - DAICO Industries, Inc.

Part # DS0432
Download  DS0432 Click to download

File Size   129.11 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description 2 Watt PIN Diode SP2T

DS0432 Datasheet (HTML) - DAICO Industries, Inc.


DS0432 Product details

FEATURES
• 200 - 900 MHz
• 2 Watts CW
• 0.3 dB Insertion Loss
• Non-Reflective
• TTL Driver
• 14 Pin DIP




Similar Part No. - DS0432

ManufacturerPart #DatasheetDescription
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
logo
Same Sky Devices
DS04-254 SAMESKY-DS04-254 Datasheet
235Kb / 3P
DIP SWITCH
12/18/2024
logo
CUI INC
DS04-254-SMT CUI-DS04-254-SMT Datasheet
487Kb / 5P
DIP SWITCH
logo
Same Sky Devices
DS04-254-SMT SAMESKY-DS04-254-SMT Datasheet
420Kb / 6P
DIP SWITCH
08/04/2026
logo
MTU Onsite Energy Corpo...
DS0400D5S MTU-DS0400D5S Datasheet
1Mb / 4P
DIESEL GENERATOR SET air charge -air cooling
More results


Similar Description - DS0432

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0492 DAICO-DS0492 Datasheet
151Kb / 1P
1 Watt PIN Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
logo
M/A-COM Technology Solu...
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T_V4 MA-COM-MASW-000825-12770T_V4 Datasheet
218Kb / 8P
HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T_15 Datasheet
218Kb / 8P
HMIC PIN Diode SP2T 20 Watt Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com