Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS0744 Datasheet (PDF) - DAICO Industries, Inc.

DS0744 Datasheet PDF - DAICO Industries, Inc.
Part # DS0744
Download  DS0744 Download
File Size   160.49 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN Diode SP4T

DS0744 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS0744 Datasheet PDF - DAICO Industries, Inc.

Part # DS0744
Download  DS0744 Click to download

File Size   160.49 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description PIN Diode SP4T

DS0744 Datasheet (HTML) - DAICO Industries, Inc.


DS0744 Product details

FEATURES
• 10 - 1000 MHz
• 18 mA, +5 VDC
• Low Insertion Loss
• High Isolation
• TTL Driver
• 24 Pin Surface Mount Package
• See DS0644 For 24 Pin DIP Version




Similar Part No. - DS0744

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0742 DAICO-DS0742 Datasheet
44Kb / 1P
GaAs SP2T
More results


Similar Description - DS0744

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW4 MACOM-MA4AGSW4 Datasheet
237Kb / 6P
AIGAAS SP4T PIN DIODE SWITCH
logo
DAICO Industries, Inc.
CDS0624 DAICO-CDS0624 Datasheet
159Kb / 1P
PIN Diode SP4T
CDS0670 DAICO-CDS0670 Datasheet
164Kb / 1P
PIN Diode SP4T
DS0085 DAICO-DS0085 Datasheet
27Kb / 1P
PIN Diode SP4T
DS0545 DAICO-DS0545 Datasheet
151Kb / 1P
PIN Diode SP4T
DS0644 DAICO-DS0644 Datasheet
29Kb / 1P
PIN Diode SP4T
DS0778 DAICO-DS0778 Datasheet
28Kb / 1P
PIN Diode SP4T
DS0967 DAICO-DS0967 Datasheet
177Kb / 1P
PIN Diode SP4T
logo
Tyco Electronics
MA4SW410 MACOM-MA4SW410 Datasheet
199Kb / 6P
SP4T Monolithic PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com