Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS8A216D Datasheet (PDF) - Analog Technologies, Inc.

ATLS8A216D Datasheet PDF - Analog Technologies, Inc.
Part # ATLS8A216D
Download  ATLS8A216D Download
File Size   935.38 Kbytes
Page   13 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Constant Current 8A Laser Driver

ATLS8A216D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS8A216D Datasheet PDF - Analog Technologies, Inc.

Part # ATLS8A216D
Download  ATLS8A216D Click to download

File Size   935.38 Kbytes
Page   13 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Voltage Constant Current 8A Laser Driver

ATLS8A216D Datasheet (HTML) - Analog Technologies, Inc.


ATLS8A216D Product details

FEATURES
 Wide Input Voltage Range: 5.5V ∼15V
 Wide Output Voltage Range: 0.2VVPS to 0.8VVPS
(input voltage)
 High Current Capability: 8A
 High Efficiency: ≥90%
(IOUT=8A@VLDA=10V&VVPS=15V)
 Wide Modulation Bandwidth: DC ∼20kHz
 Compact Size: 27.4×21×5.7 (mm)
 Dual Independent Current Set Ports: LISH and LISL
 Direct Digital Modulation Control: PCN
 Three Control States: Shutdown, Standby and Operation
 Low Output Current Noise: < 12μAP-P@0.1Hz~10Hz
 High Current Stability: < ±600μA@8A &‒20°C~80°C
 Low Output Ripple Voltage: < 6mV@700kHz
 Fully Shielded
 100 % Lead (Pb)-free and RoHS Compliant
DESCRIPTION
This laser driver, ATLS8A216, is an electronic module that
has all the valuable and important, but often difficult to
achieve simultaneously, features simultaneously: wide input
and output voltage range, high output current capability, high
efficiency, low output noise (but it has an output 4mVp-p
ripple voltage at 700kHz), wide modulation bandwidth, and
small size. The wide output voltage range,
0.2VVPS ~ 0.8VVPS, allows driving one or multiple serial laser
diodes at the same time, for up to 8A well controlled current
at high efficiency. The extremely low noise between DC ~
20kHz and low DC current drift make it ideal for driving diode
pumped single mode laser diodes to achieve mode-hop-free and
narrow optical wavelength drift, thus, long coherent length.
Because of the high efficiency, the laser driver generates small
amount of heat, thus, no heat sink is necessary for normal
operation. The fully shielded case blocks all the incoming and
outgoing EMIs (Electro-Magnet Interferences). Therefore, this
laser will not interfere other surrounding electronics, nor will be
interfered by them. The small package saves valuable PCB space
in laser systems. Figure 1 shows physical photo of the
ATLS8A216D.
This laser driver has two current set ports digitally controlled to
switch between them for setting the output current. This feature
allows modulating the laser digitally with 2 preset current values.
The actual laser current and laser driver temperature are
monitored by dedicated ports. In case the laser driver
temperature exceeds the limit, 120°C, the laser driver will shut
down the output stage by itself and force the laser drive into
Standby Mode. There is a loop good indication output to tell if
the laser driver works ok.
The laser driver has 3 states: Operation, Standby and Shutdown.
Under Standby mode, all the laser driver components works
except the output stage, see Figure 4. Under Shutdown mode, all
the components of the laser driver stops working and the power
supply current is reduced to < 3μA.
This laser driver generates a high accuracy high stability low
noise, 5μVP-P, < 1μVRMS, < 8ppm/°C, 2.5V<±2mV, voltage
reference output which can be used for setting the output current
and also be used as the reference voltage for the ADCs(Analog
to Digital Converters)and/or DACs(Digital to Analog
Converters).
The ATLS8A216 uses a constant frequency high efficiency
PWM output stage. Its switching signal is taken out through a
buffer at the SYNO port, pin 1, which can be used by other
switch mode electronics as the trigger signal to avoid frequency
beating interference, if the free-run frequency is around 700kHz.




Similar Part No. - ATLS8A216D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1.5A104 ANALOGTECHNOLOGIES-ATLS1.5A104 Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104D ANALOGTECHNOLOGIES-ATLS1.5A104D Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104D-PD ANALOGTECHNOLOGIES-ATLS1.5A104D-PD Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104S ANALOGTECHNOLOGIES-ATLS1.5A104S Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1.5A104S-PD ANALOGTECHNOLOGIES-ATLS1.5A104S-PD Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
More results


Similar Description - ATLS8A216D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS2A212D ANALOGTECHNOLOGIES-ATLS2A212D Datasheet
1Mb / 16P
High Voltage Constant Current 2A Laser Driver
7/4/2022
ATLS2A212DHS ANALOGTECHNOLOGIES-ATLS2A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 2A Laser Driver
7/4/2022
ATLS3A212D ANALOGTECHNOLOGIES-ATLS3A212D Datasheet
1Mb / 15P
High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS10A216D ANALOGTECHNOLOGIES-ATLS10A216D Datasheet
990Kb / 13P
High Voltage Constant Current 10A Laser Driver
7/4/2022
ATLS12A216D ANALOGTECHNOLOGIES-ATLS12A216D Datasheet
900Kb / 14P
High Voltage Constant Current 12A Laser Driver
6/28/2022
ATLS4A217D ANALOGTECHNOLOGIES-ATLS4A217D Datasheet
601Kb / 14P
High Voltage Constant Current 4A Laser Driver
1/24/2022
ATLS500MA212D ANALOGTECHNOLOGIES-ATLS500MA212D Datasheet
1Mb / 15P
High Voltage Constant Current 500mA Laser Driver
7/4/2022
ATLS500MA212DHS ANALOGTECHNOLOGIES-ATLS500MA212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 500mA Laser Driver
7/4/2022
ATLS6A214D ANALOGTECHNOLOGIES-ATLS6A214D Datasheet
1,009Kb / 16P
High Voltage Constant Current 6A Laser Driver
7/4/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com