Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3U Datasheet (PDF) - C&K Components

3U Datasheet PDF - C&K Components
Part # 3U
Download  3U Download
File Size   135.17 Kbytes
Page   5 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Tiny Pushwheel Switches

3U Datasheet (PDF)

Go To PDF Page Download Datasheet
3U Datasheet PDF - C&K Components

Part # 3U
Download  3U Click to download

File Size   135.17 Kbytes
Page   5 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description Tiny Pushwheel Switches

3U Datasheet (HTML) - C&K Components


3U Product details

Features/Benefits
• Tiny size saves space
• 10 and 16 position models available
• ESD clip available on select models
• Snap-in front mount saves assembly time

Typical Applications
• Computer peripherals
• Test equipment
• Instrumentation





Similar Description - 3U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3P0210000 ETC1-3P0210000 Datasheet
296Kb / 6P
Miniature Pushwheel Switches
logo
Tyco Electronics
SMCD MACOM-SMCD Datasheet
153Kb / 1P
Pushwheel Switches, Mini, Front Mount
logo
C&K Components
3P0210000 CK-COMPONENTS-3P0210000 Datasheet
254Kb / 5P
Miniature Pushwheel Switches
logo
Tyco Electronics
2-1437603-5 MACOM-2-1437603-5 Datasheet
151Kb / 1P
Pushwheel Switches, Mini, Rear Mount
2-1437603-7 MACOM-2-1437603-7 Datasheet
151Kb / 1P
Pushwheel Switches, Mini, Rear Mount
2-1437603-8 MACOM-2-1437603-8 Datasheet
151Kb / 1P
Pushwheel Switches, Mini, Rear Mount
2-1437603-9 MACOM-2-1437603-9 Datasheet
151Kb / 1P
Pushwheel Switches, Mini, Rear Mount
DPS8131AK MACOM-DPS8131AK Datasheet
151Kb / 1P
Pushwheel Switches, Mini, Rear Mount
DPS8 MACOM-DPS8 Datasheet
151Kb / 1P
Pushwheel Switches, Mini, Rear Mount
DPS9 MACOM-DPS9 Datasheet
140Kb / 1P
Pushwheel Switches, Front Mount
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com