Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSW16282 Datasheet (PDF) - DAICO Industries, Inc.

DSW16282 Datasheet PDF - DAICO Industries, Inc.
Part # DSW16282
Download  DSW16282 Download
File Size   146.38 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description Switch SPST

DSW16282 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSW16282 Datasheet PDF - DAICO Industries, Inc.

Part # DSW16282
Download  DSW16282 Click to download

File Size   146.38 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description Switch SPST

DSW16282 Datasheet (HTML) - DAICO Industries, Inc.


DSW16282 Product details

FEATURES
• 750-1250 MHz
• SMA Connectorized
• Ultra High Isolation, 107 dB Typical
• High Intercept Performance
• 6.4 mA @ +5 VDC




Similar Part No. - DSW16282

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DSW16285 DAICO-DSW16285 Datasheet
149Kb / 1P
SPST Switch
More results


Similar Description - DSW16282

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW18066 DAICO-CSW18066 Datasheet
138Kb / 1P
Switch SPST
DSW16285 DAICO-DSW16285 Datasheet
149Kb / 1P
SPST Switch
logo
Spectrum Microwave, Inc...
TWD2215 SPECTRUM-TWD2215 Datasheet
191Kb / 1P
SPST RF Switch
TWD2216 SPECTRUM-TWD2216 Datasheet
58Kb / 1P
SPST RF SWITCH
TWM5000 SPECTRUM-TWM5000 Datasheet
50Kb / 1P
SPST RF SWITCH
TWP2209 SPECTRUM-TWP2209 Datasheet
56Kb / 1P
SPST RF SWITCH
TWP2214 SPECTRUM-TWP2214 Datasheet
56Kb / 1P
SPST RF SWITCH
logo
American Accurate Compo...
JXWBKG-T-1-6.5-9.5 AAC-JXWBKG-T-1-6.5-9.5 Datasheet
76Kb / 1P
SPST Switch
logo
M/A-COM Technology Solu...
MASW6020G MA-COM-MASW6020G Datasheet
69Kb / 4P
GaAs SPST Switch
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
SPST Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com