Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15SMC Datasheet (PDF) - Vishay Siliconix

15SMC Datasheet PDF - Vishay Siliconix
Part # 15SMC
Download  15SMC Download
File Size   110.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB짰 Transient Voltage Suppressors

15SMC Datasheet (PDF)

Go To PDF Page Download Datasheet
15SMC Datasheet PDF - Vishay Siliconix

Part # 15SMC
Download  15SMC Click to download

File Size   110.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount TRANSZORB짰 Transient Voltage Suppressors

15SMC Datasheet (HTML) - Vishay Siliconix


15SMC Product details

FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in unidirectional and bidirectional
• 1500 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate
(duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3 or P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lightning
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.
MECHANICAL DATA
Case: SMC (DO-214AB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/N-M3 - halogen-free, RoHS-compliant, commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
Base P/NHM3_X - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, ...)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3, M3, HE3, and HM3 suffix meets JESD 201 class 2
whisker test
Polarity: for unidirectional types the band denotes cathode
end, no marking on bidirectional types




Similar Part No. - 15SMC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
15SMC MERITEK-15SMC Datasheet
505Kb / 4P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
15SMC RUILON-15SMC Datasheet
881Kb / 7P
Transient Voltage Suppressors
logo
Bourns Electronic Solut...
15SMC-Q BOURNS-15SMC-Q Datasheet
205Kb / 6P
1.5SMC-Q Transient Voltage Suppressor Diode Series
REV. 10/20
logo
TAITRON Components Inco...
15SMC100A TAITRON-15SMC100A Datasheet
232Kb / 5P
1500W Surface Mount Transient Voltage Suppressor
logo
Socay Electornics Co., ...
15SMC100A SOCAY-15SMC100A Datasheet
583Kb / 6P
Surface Mount Transient Voltage Suppressors
More results


Similar Description - 15SMC

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SMBG5.0 VAISH-SMBG5.0 Datasheet
103Kb / 6P
Surface Mount TRANSZORB짰 Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
P6KE6.8A NJSEMI-P6KE6.8A Datasheet
139Kb / 3P
TRANSZORB짰 Transient Voltage Suppressors
logo
Shenzhen Saite Microele...
SMAJ5.0A PHY-SMAJ5.0A Datasheet
798Kb / 3P
Surface Mount TRANSZORB짰 Transient Voltage Suppressors
logo
Vishay Siliconix
BZW04-5V8 VISHAY-BZW04-5V8 Datasheet
84Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
16-Sep-2021
MSMP60A VISHAY-MSMP60A Datasheet
105Kb / 5P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
09-Nov-2020
MSP3V3 VISHAY-MSP3V3_V01 Datasheet
788Kb / 5P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
09-Nov-2020
P4KE68A VISHAY-P4KE68A Datasheet
83Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
16-Sep-2021
P4SMA VISHAY-P4SMA_V01 Datasheet
108Kb / 6P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
30-Jun-2021
P6SMB VISHAY-P6SMB_V01 Datasheet
125Kb / 6P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
19-Apr-2021
SM6T VISHAY-SM6T_V01 Datasheet
120Kb / 5P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
19-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com