Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KASMC10A Datasheet (PDF) - Vishay Siliconix

3KASMC10A Datasheet PDF - Vishay Siliconix
Part # 3KASMC10A_V01
Download  3KASMC10A Download
File Size   414.12 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount PAR짰 Transient Voltage Suppressors

3KASMC10A Datasheet (PDF)

Go To PDF Page Download Datasheet
3KASMC10A Datasheet PDF - Vishay Siliconix

Part # 3KASMC10A_V01
Download  3KASMC10A Click to download

File Size   414.12 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount PAR짰 Transient Voltage Suppressors

3KASMC10A Datasheet (HTML) - Vishay Siliconix


3KASMC10A Product details

FEATURES
• Junction passivation optimized design
passivated anisotropic rectifier technology
• TJ = 185 °C capability suitable for high
reliability and automotive requirement
• Available in uni-directional polarity only
• 3000 W peak pulse power capability with a 10/1000 μs
waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.

MECHANICAL DATA
Case: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating
Base P/NHM3 - RoHS-compliant and AEC-Q101 qualified
Base P/NHM3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
HM3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end




Similar Part No. - 3KASMC10A_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
3KASMC10A VISHAY-3KASMC10A_V02 Datasheet
100Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors
19-Apr-2021
More results


Similar Description - 3KASMC10A_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM6A27T VISHAY-SM6A27T Datasheet
93Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
24-Mar-15
SM6S10AT VISHAY-SM6S10AT Datasheet
100Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
03-Dec-2018
5KASMC10A VISHAY-5KASMC10A_V01 Datasheet
98Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
19-Apr-2021
SM5A27T VISHAY-SM5A27T_V01 Datasheet
120Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM5A27 VISHAY-SM5A27_V01 Datasheet
104Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM5S10A VISHAY-SM5S10A Datasheet
103Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM5S10AT VISHAY-SM5S10AT_V01 Datasheet
117Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM6A27 VISHAY-SM6A27_V01 Datasheet
101Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM6S10A VISHAY-SM6S10A Datasheet
103Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM8A27 VISHAY-SM8A27_V01 Datasheet
100Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com