Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICTE5 Datasheet (PDF) - Vishay Siliconix

ICTE5 Datasheet PDF - Vishay Siliconix
Part # ICTE5_V01
Download  ICTE5 Download
File Size   95.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TRANSZORB짰 Transient Voltage Suppressors

ICTE5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICTE5 Datasheet PDF - Vishay Siliconix

Part # ICTE5_V01
Download  ICTE5 Click to download

File Size   95.97 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description TRANSZORB짰 Transient Voltage Suppressors

ICTE5 Datasheet (HTML) - Vishay Siliconix


ICTE5 Product details

FEATURES
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 1500 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, and telecommunication.

MECHANICAL DATA
Case: 1.5KE, molded epoxy body over passivated junction
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant and commercial grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“X” denotes revision code e.g. A, B, ...)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: for uni-directional types the color band denotes
cathode end, no marking on bi-directional types




Similar Part No. - ICTE5_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ICTE5-E3-54 VISHAY-ICTE5-E3-54 Datasheet
80Kb / 5P
TRANSZORB Transient Voltage Suppressors
07-May-10
ICTE5-E354 VISHAY-ICTE5-E354 Datasheet
89Kb / 5P
TRANSZORB® Transient Voltage Suppressors
18-Sep-12
ICTE5-E354 VISHAY-ICTE5-E354 Datasheet
89Kb / 5P
TRANSZORB Transient Voltage Suppressors
18-Sep-12
logo
MDE Semiconductor, Inc.
ICTE5.0 MDE-ICTE5.0 Datasheet
55Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - ICTE5_V01

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
P6KE6.8A NJSEMI-P6KE6.8A Datasheet
139Kb / 3P
TRANSZORB짰 Transient Voltage Suppressors
P4KE6.8A NJSEMI-P4KE6.8A Datasheet
132Kb / 3P
TRANSZORB짰 Transient Voltage Suppressors
logo
Vishay Siliconix
15KE68A VISHAY-15KE68A Datasheet
111Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
21-Sep-2020
5KP50A VISHAY-5KP50A Datasheet
88Kb / 5P
TRANSZORB짰 Transient Voltage Suppressors
20-Nov-12
5KP85A VISHAY-5KP85A Datasheet
88Kb / 5P
TRANSZORB짰 Transient Voltage Suppressors
24-Jun-14
BZW04-5V8 VISHAY-BZW04-5V8 Datasheet
84Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
16-Sep-2021
MSMP60A VISHAY-MSMP60A Datasheet
105Kb / 5P
Surface-Mount TRANSZORB짰 Transient Voltage Suppressors
09-Nov-2020
P4KE68A VISHAY-P4KE68A Datasheet
83Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
16-Sep-2021
P6KE68A VISHAY-P6KE68A Datasheet
89Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
27-Sep-2021
SA50A VISHAY-SA50A Datasheet
92Kb / 6P
TRANSZORB짰 Transient Voltage Suppressors
27-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com