Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMF5062 Datasheet (PDF) - ON Semiconductor

FDMF5062 Datasheet PDF - ON Semiconductor
Part # FDMF5062
Download  FDMF5062 Download
File Size   42.9 Kbytes
Page   1 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors

FDMF5062 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMF5062 Datasheet PDF - ON Semiconductor

Part # FDMF5062
Download  FDMF5062 Click to download

File Size   42.9 Kbytes
Page   1 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors

FDMF5062 Datasheet (HTML) - ON Semiconductor


FDMF5062 Product details

The FDMF5062 is ON Semiconductor’s next generation Smart Power Stage (SPS) solution with fully optimized, ultra-compact,
integrated MOSFETs with advanced driver IC current and temperature sensors, for high-current, high frequency, and synchronous
buck DC-DC converters.
With an integrated approach, the SPS switching power stage is optimized for driver and MOSFET dynamic performance, system
parasitic reduction, and power MOSFET RDS(ON).
The integration of Power MOSFETs with a driver IC also enables high accuracy module-level thermal and current monitoring. The
FDMF5062 provides an output signal (IMON), which reports the real-time module current. The IMON signal can be used to replace
inductor DCR current sense or resistor sense methods. There is also accurate thermal monitoring (TMON) that provides a 0.8 V output
at 25°C with an 8 mV/°C slope.

Features
• Up to 70A Instantaneous Peak Current Handling Capability
• High-Performance, Universal Footprint, Copper-Clip 5 mm x 6 mm PQFN Package
• ON Semiconductor’s PowerTrench® MOSFETs for Clean Voltage Waveforms and Reduced Ringing
• 30 V / 25 V Breakdown Voltage MOSFETs for Higher Long-Term Reliability
• Optimized FET Pair for Highest Efficiency at 10% ~ 15 % Duty Cycle
• Optimized for Switching Frequencies up to 1 MHz
• Integrated Current Monitoring (IMON)
• Integrated Temperature Monitoring (TMON)
• Catastrophic Fault Detection Features
• Thermal Flag (OTP) for Over-Temperature Condition
For more features, see the data sheet

Applications
• CPU and Memory Voltage Regulators
• High-Current Multiphase Voltage Regulators
• Artificial Intelligence Add-On Cards
• Server CPUs, Storage, Telecom
• DC/DC Power Module




Similar Part No. - FDMF5062

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
Smart Power Stage Module with Integrated Temperature Monitor
FDMF5820DC FAIRCHILD-FDMF5820DC Datasheet
1Mb / 25P
FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
logo
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
logo
ON Semiconductor
FDMF5820TDC ONSEMI-FDMF5820TDC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Thermal Warning
May 2016 Rev. 1.1
More results


Similar Description - FDMF5062

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF5820DCCT-ND FAIRCHILD-FDMF5820DCCT-ND Datasheet
1Mb / 25P
FDMF5820DC-Smart Power Stage (SPS) Module with Integrated Temperature Monitor
FDMF5821DCCT-ND FAIRCHILD-FDMF5821DCCT-ND Datasheet
1Mb / 25P
FDMF5821DC . Smart Power Stage (SPS) Module with Integrated Temperature Monitor
logo
Vishay Siliconix
SIC645 VISHAY-SIC645 Datasheet
400Kb / 18P
60 A VRPower Smart Power Stage (SPS) Module with Integrated High-Accuracy Current and Temperature Monitors
31-Oct-16
logo
Intersil Corporation
ISL99227 INTERSIL-ISL99227 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
ON Semiconductor
FDMF5820DC ONSEMI-FDMF5820DC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
May 2016 Rev. 1.7
FDMF5821 ONSEMI-FDMF5821 Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Temperature Monitor
October 2016 Rev. 1.0
FDMF3170 ONSEMI-FDMF3170 Datasheet
855Kb / 21P
Smart Power Stage (SPS) Modules
November 2016 Rev. 1.2
FDMF3172 ONSEMI-FDMF3172 Datasheet
851Kb / 21P
Smart Power Stage (SPS) Modules
December 2016 Rev. 1.0
logo
Renesas Technology Corp
ISL99227 RENESAS-ISL99227 Datasheet
886Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
logo
Vishay Siliconix
SIC645 VISHAY-SIC645_V01 Datasheet
363Kb / 18P
60 A VRPower® Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
29-Jun-2020
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com