Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF3045 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

GF3045 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # GF3045
Download  GF3045 Download
File Size   634.48 Kbytes
Page   4 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 30.0A SALAR BYPASS DIODE

GF3045 Datasheet (PDF)

Go To PDF Page Download Datasheet
GF3045 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # GF3045
Download  GF3045 Click to download

File Size   634.48 Kbytes
Page   4 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 30.0A SALAR BYPASS DIODE

GF3045 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd


GF3045 Product details

Features
Schottky Barrier Chip
Classification Rating 94V-O
Plastic Case Material has UL Flammability
Guard Ring Die Construction
For Use in Salar Bypass Inverse-plarity Protection Application
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly




Similar Part No. - GF3045

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
GF3045MC THINKISEMI-GF3045MC Datasheet
695Kb / 2P
30.0 Ampere,45Volt PhotoVoltaic Common Cathode Schottky Barrier Rectifier Diodes
logo
DIYI Electronic Technol...
GF3045MG DYELEC-GF3045MG Datasheet
1Mb / 4P
30A Schottky Diodes
logo
Zibo Seno Electronic En...
GF3045MG ZSELEC-GF3045MG Datasheet
351Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
logo
Yangzhou yangjie electr...
GF3045MG YANGJIE-GF3045MG Datasheet
148Kb / 2P
Schottky Diodes
logo
Thinki Semiconductor Co...
GF3045MG THINKISEMI-GF3045MG Datasheet
813Kb / 2P
30.0 Ampere,45Volt PhotoVoltaic Application Schottky Barrier Rectifier Diode
More results


Similar Description - GF3045

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MBR3040CK ZSELEC-MBR3040CK Datasheet
307Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBR3040CT ZSELEC-MBR3040CT Datasheet
310Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBRF3040CT ZSELEC-MBRF3040CT Datasheet
322Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
GF3045MG ZSELEC-GF3045MG Datasheet
351Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBR3040ST ZSELEC-MBR3040ST Datasheet
152Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
MBR3040PT ZSELEC-MBR3040PT Datasheet
165Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
SB3040PT ZSELEC-SB3040PT Datasheet
140Kb / 2P
30.0A SCHOTTKY BARRIER DIODE
logo
Infineon Technologies A...
DF80R12W2H3F_B11 INFINEON-DF80R12W2H3F_B11 Datasheet
658Kb / 11P
Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
Zibo Seno Electronic En...
GF5045 ZSELEC-GF5045 Datasheet
629Kb / 4P
50.0A SALAR BYPASS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com