Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NOIP1SN016KA Datasheet (PDF) - ON Semiconductor

NOIP1SN016KA Datasheet PDF - ON Semiconductor
Part # NOIP1SN016KA
Download  NOIP1SN016KA Download
File Size   969.77 Kbytes
Page   85 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PYTHON 25K/16K Global Shutter CMOS Image Sensors

NOIP1SN016KA Datasheet (PDF)

Go To PDF Page Download Datasheet
NOIP1SN016KA Datasheet PDF - ON Semiconductor

Part # NOIP1SN016KA
Download  NOIP1SN016KA Click to download

File Size   969.77 Kbytes
Page   85 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PYTHON 25K/16K Global Shutter CMOS Image Sensors

NOIP1SN016KA Datasheet (HTML) - ON Semiconductor


NOIP1SN016KA Product details

Description
The PYTHON XK family of CMOS image sensors provide high
resolution with very high bandwidth (up to 80 frame per second
readout for 25 megapixel readout) in a pin−compatible family of
devices.
The high sensitivity 4.5 m pixels support both pipelined and
triggered global shutter readout modes. The sensor also supports
correlated double sampling (CDS) readout in global shutter mode,
reducing noise and increasing dynamic range.
The sensor is programmed using a four−wire serial peripheral
interface. Black level can be calibrated automatically, or adjusted
using a user programmable offset. The sensor also supports readout of
up to 32 separate regions of interest (ROI) to increase frame rate.
Image data is accessed through 32, 16, 8, or 4 LVDS channels, each
running at 720 Mbps, and a separate synchronization channel is
provided to facilitate image reconstruction.
The PYTHON XK family is packaged in a 355−pin PGA package
and is available in a monochrome, Bayer color, and extended
near−infrared (NIR) configurations.

Features
• A Pin−compatible Family with Multiple Resolutions:
♦ 25K = 5120 x 5120 Active Pixels
♦ 16K = 4096 x 4096 Active Pixels
• 4.5 m x 4.5 m Low Noise Global Shutter Pixels with
In−pixel Correlated Double Sampling (CDS)
• APS−H Optical Format (32.6 mm Diagonal) for 25K
• Monochrome (SN), Color (SE) and NIR (FN)
• Random Programmable Region of Interest (ROI) Readout
• Pipelined and Triggered Global Shutter
• On−chip Fixed Pattern Noise (FPN) Correction
• 10−bit Analog−to−Digital Converter (ADC)
• 32 Low−voltage Differential Signaling (LVDS) High−speed
Serial Outputs
• Serial Peripheral Interface (SPI)
• High−speed: 80 Frames per Second (fps) at 25 Mpix
• 4.6 W Power Dissipation at Full Resolution, x32 LVDS Mode
• Operational Range: −40°C to +85°C
• 355−pin PGA Package
• These Devices are Pb−Free and are RoHS
Compliant

Applications
• Machine Vision
• Motion Monitoring
• Intelligent Traffic Systems (ITS)
• Pick and Place Machines
• Inspection
• Metrology




Similar Part No. - NOIP1SN016KA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN016KA ONSEMI-NOIP1SN016KA Datasheet
682Kb / 87P
PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN016KA-GDI ONSEMI-NOIP1SN016KA-GDI Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
More results


Similar Description - NOIP1SN016KA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN5000A ONSEMI-NOIP1SN5000A Datasheet
810Kb / 80P
MegaPixels Global Shutter CMOS Image Sensors
April, 2015 ??Rev. 0
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A_16 Datasheet
775Kb / 75P
PYTHON 1.3/0.5/0.3 MegaPixels Global Shutter CMOS Image Sensors
June, 2016 ??Rev. 2
NOIP1SN5000A ONSEMI-NOIP1SN5000A_16 Datasheet
943Kb / 75P
PYTHON 5.0/2.0 MegaPixels Global Shutter CMOS Image Sensors
August, 2016 ??Rev. 2
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com