Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRTS660MFD Datasheet (PDF) - ON Semiconductor

NRTS660MFD Datasheet PDF - ON Semiconductor
Part # NRTS660MFD
Download  NRTS660MFD Download
File Size   74.71 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Very Low Forward Voltage Trench-based Schottky Rectifier

NRTS660MFD Datasheet (PDF)

Go To PDF Page Download Datasheet
NRTS660MFD Datasheet PDF - ON Semiconductor

Part # NRTS660MFD
Download  NRTS660MFD Click to download

File Size   74.71 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Very Low Forward Voltage Trench-based Schottky Rectifier

NRTS660MFD Datasheet (HTML) - ON Semiconductor


NRTS660MFD Product details

This trench Schottky rectifier in the dual flag SO−8 flat lead
package offers designers a unique degree of versatility and design
freedom. The two devices are electrically independent and can be used
separately, as common cathode, as common anode or in series as a
function of board level layout. The exposed pad design provides low
thermal resistance. The clip attach design creates a package with very
efficient die size to board area ratio. While thermal performance is
nearly the same as the DPAK package height and board footprint are
less than half.
Trench Schottky technology provides a superior forward voltage/
leakage tradeoff compared to planar Schottky. The reverse switching
characteristics are extremely stable over temperature minimizing
switching power loss in high frequency applications.

Features
• New Package Provides Capability of Inspection and Probe After
Board Mounting
• Low Forward Voltage Drop
• 175°C Operating Junction Temperature
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free and Halide−Free Devices

Mechanical Characteristics:
• Case: Epoxy, Molded
• Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in.
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Applications
• Excellent Alternative to DPAK in Space−Constrained Automotive

Applications
• Output Rectification in Switching Power Supplies
• Freewheeling Diode used with Inductive Loads
• Automotive LED Lighting (Interior and Exterior)




Similar Part No. - NRTS660MFD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRTS6100PFS ONSEMI-NRTS6100PFS Datasheet
149Kb / 6P
Schottky Barrier Rectifier, Trench-based, High Performance
September, 2021 - Rev. 1
NRTS6100PFST3G ONSEMI-NRTS6100PFST3G Datasheet
149Kb / 6P
Schottky Barrier Rectifier, Trench-based, High Performance
September, 2021 - Rev. 1
NRTS6100TFS ONSEMI-NRTS6100TFS Datasheet
194Kb / 6P
Schottky Barrier Rectifier, Trench-based, High Performance
January, 2021 - Rev. 1
NRTS6100TFSTAG ONSEMI-NRTS6100TFSTAG Datasheet
194Kb / 6P
Schottky Barrier Rectifier, Trench-based, High Performance
January, 2021 - Rev. 1
NRTS6100TFSTBG ONSEMI-NRTS6100TFSTBG Datasheet
194Kb / 6P
Schottky Barrier Rectifier, Trench-based, High Performance
January, 2021 - Rev. 1
More results


Similar Description - NRTS660MFD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NRVTS2H60ESF ONSEMI-NRVTS2H60ESF Datasheet
192Kb / 7P
Schottky Rectifier, Trench-based, Very Low Forward Voltage
August, 2018 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com