Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRVTS360ETFS Datasheet (PDF) - ON Semiconductor

NRVTS360ETFS Datasheet PDF - ON Semiconductor
Part # NRVTS360ETFS
Download  NRVTS360ETFS Download
File Size   179.25 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Trench Surface Mount Schottky Rectifier

NRVTS360ETFS Datasheet (PDF)

Go To PDF Page Download Datasheet
NRVTS360ETFS Datasheet PDF - ON Semiconductor

Part # NRVTS360ETFS
Download  NRVTS360ETFS Click to download

File Size   179.25 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Trench Surface Mount Schottky Rectifier

NRVTS360ETFS Datasheet (HTML) - ON Semiconductor


NRVTS360ETFS Product details

This 8FL flat lead ultrafast rectifier provides fast switching
performance with soft recovery in a compact thermally efficient
package. Its compact footprint makes it ideally suited to portable and
automotive applications where board space is at a premium. Its low
profile makes it a good option for flat panel display and other
applications with limited vertical clearance. The device offers low
leakage over temperature making it a good match for applications
requiring low quiescent current.

Features
• Fast Soft Switching for Reduced EMI and Higher Efficiency
• Low Profile − Maximum Height of 1.1 mm
• Small Footprint − Footprint Area of 13.5 mm2
• NRV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• WF in Suffix of Part Number Denotes Wettable Flanks Option for
Enhanced Automated Inspection
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Mechanical Characteristics:
• Case: Molded Epoxy
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Weight: 95 mg (Approximately)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Maximum for 10 Seconds
• MSL 1

Applications
• Switching Power Supplies including Mini−adapters and Displays
• Instrumentation
• Engine Control Recirculation Diodes
• Freewheeling Diode Where Space is at a Premium
• Automotive LED Lighting




Similar Part No. - NRVTS360ETFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVTS30100MFS ONSEMI-NRVTS30100MFS Datasheet
205Kb / 6P
Schottky Barrier Rectifier Trench-based, High Performance
April, 2021 - Rev. 0
NRVTS30100MFST3G ONSEMI-NRVTS30100MFST3G Datasheet
205Kb / 6P
Schottky Barrier Rectifier Trench-based, High Performance
April, 2021 - Rev. 0
NRVTS30120MFS ONSEMI-NRVTS30120MFS Datasheet
146Kb / 5P
Schottky Barrier Rectifier Trench-based, High Performance
April, 2021 - Rev. 0
NRVTS30120MFST3G ONSEMI-NRVTS30120MFST3G Datasheet
146Kb / 5P
Schottky Barrier Rectifier Trench-based, High Performance
April, 2021 - Rev. 0
NRVTS3060MFS ONSEMI-NRVTS3060MFS Datasheet
204Kb / 6P
Schottky Barrier Rectifier Trench-based, High Performance
April, 2021 - Rev. 0
More results


Similar Description - NRVTS360ETFS

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ST34B CHENDA-ST34B Datasheet
212Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34BF CHENDA-ST34BF Datasheet
214Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C Datasheet
210Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34F CHENDA-ST34F Datasheet
203Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54BF CHENDA-ST54BF Datasheet
286Kb / 2P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34A CHENDA-ST34A_V01 Datasheet
841Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54A CHENDA-ST54A_V01 Datasheet
846Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST34C CHENDA-ST34C_V01 Datasheet
922Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
ST54B CHENDA-ST54B_V01 Datasheet
854Kb / 3P
SURFACE MOUNT TRENCH SCHOTTKY RECTIFIER
logo
ON Semiconductor
NRVTS5100ETFS ONSEMI-NRVTS5100ETFS Datasheet
69Kb / 5P
Trench Surface Mount Schottky Rectifier
June, 2018 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com