Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS1084L-ADJ Datasheet (PDF) - Silicon Supplies

SIS1084L-ADJ Datasheet PDF - Silicon Supplies
Part # SIS1084L-ADJ
Download  SIS1084L-ADJ Download
File Size   285.44 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

SIS1084L-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS1084L-ADJ Datasheet PDF - Silicon Supplies

Part # SIS1084L-ADJ
Download  SIS1084L-ADJ Click to download

File Size   285.44 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

SIS1084L-ADJ Datasheet (HTML) - Silicon Supplies


SIS1084L-ADJ Product details

Positive Adjustable Output Low Dropout Voltage Regulator in bare die form

Description

The SiS1084L is a positive adjustable regulator
providing 5A output current with high efficiency. The
device accepts input voltages up to 12V and is
optimised for smallest die size. Voltage dropout is
guaranteed at 1.5V maximum at 5A. This device also
features on-chip trimming for current limit + reference
voltage and includes thermal shutdown for rugged
performance. Adjustment of output voltage is simple
and set by two resistors.

Features:

12V input capability with optimised die size
1.5V dropout voltage maximum at 5A
Internal current limiting & reference trimming
Thermal shutdown
Line & Load Regulation: 0.3% maximum
Full military temperature range.




Similar Part No. - SIS1084L-ADJ

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
231Kb / 4P
Linear Voltage Regulator
Rev 1.2 11/05/22
SIS1084L-ADJ SS-SIS1084L-ADJ_V02 Datasheet
231Kb / 4P
Linear Voltage Regulator
Rev 1.2 11/05/22
More results


Similar Description - SIS1084L-ADJ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com