Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2301 Datasheet (PDF) - Supertex, Inc

HV2301 Datasheet PDF - Supertex, Inc
Part # HV2301
Download  HV2301 Download
File Size   340.02 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors

HV2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2301 Datasheet PDF - Supertex, Inc

Part # HV2301
Download  HV2301 Click to download

File Size   340.02 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors

HV2301 Datasheet (HTML) - Supertex, Inc


HV2301 Product details

General Description
The Supertex HV2301 is a low charge injection, 8-channel, high voltage analog switch integrated circuit (IC) with bleed resistors. The device can be used in applications requiring high voltage switching, controlled by low voltage control signals, such as medical ultrasound imaging, piezoelectric transducer driver, and printers. The built-in bleed resistors eliminate voltage built up on capacitive loads such as piezoelectric transducers. The HV2301 is an enhanced version of the HV232.

Features
► HVCMOS technology for high performance
► Integrated bleed resistors on the outputs
► 8 Channels of high voltage analog switch
► 3.3V or 5V CMOS input logic level
► 20MHz data shift clock frequency
► Very low quiescent power dissipation-10µA
► Low parasitic capacitance
► DC to 10MHz analog signal frequency
► -60dB typical off-isolation at 5MHz
► CMOS logic circuitry for low power
► Excellent noise immunity
► Cascadable serial data register with latches
► Flexible operating supply voltages

Applications
► Medical ultrasound imaging
► NDT metal fl aw detection
► Piezoelectric transducer drivers
► Inkjet printer heads
► Optical MEMS modules




Similar Part No. - HV2301

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2301 SUTEX-HV2301 Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301FG-G SUTEX-HV2301FG-G Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301PJ-G SUTEX-HV2301PJ-G Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
More results


Similar Description - HV2301

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2321 SUTEX-HV2321_11 Datasheet
680Kb / 8P
Low Charge Injection, 8-Channel, Unipolar, Negative High Voltage, Analog Switch With Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com