Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9910 Datasheet (PDF) - Supertex, Inc

HV9910 Datasheet PDF - Supertex, Inc
Part # HV9910
Download  HV9910 Download
File Size   442.45 Kbytes
Page   11 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Universal High Brightness LED Driver

HV9910 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9910 Datasheet PDF - Supertex, Inc

Part # HV9910
Download  HV9910 Click to download

File Size   442.45 Kbytes
Page   11 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Universal High Brightness LED Driver

HV9910 Datasheet (HTML) - Supertex, Inc


HV9910 Product details

Description
The HV9910 is a PWM high-efficiency LED driver control IC. It allows efficient operation of High Brightness (HB) LEDs from voltage sources ranging from 8VDC up to 450VDC. The HV9910 controls an external MOSFET at fixed switching frequency up to 300kHz. The frequency can be programmed using a single resistor. The LED string is driven at constant current rather than constant voltage, thus providing constant light output and enhanced reliability. The output current can be programmed between a few milliamps and up to more than 1.0A.

Features
❐ >90% Efficiency
❐ 8V to 450V input range
❐ Constant-current LED driver
❐ Applications from a few mA to more than 1A Output
❐ LED string from one to hundreds of diodes
❐ PWM Low-Frequency Dimming via Enable pin
❐ Input Voltage Surge ratings up to 450V

Applications
❐ DC/DC or AC/DC LED Driver applications
❐ RGB Backlighting LED Driver
❐ Back Lighting of Flat Panel Displays
❐ General purpose constant current source
❐ Signage and Decorative LED Lighting
❐ Automotive
❐ Chargers




Similar Part No. - HV9910

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910B SUTEX-HV9910B Datasheet
741Kb / 8P
Universal High Brightness LED Driver
logo
Microchip Technology
HV9910B MICROCHIP-HV9910B Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910BLG-G SUTEX-HV9910BLG-G Datasheet
740Kb / 8P
Universal High Brightness LED Driver
More results


Similar Description - HV9910

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
Universal High Brightness LED Driver
logo
Diodes Incorporated
PAM99700 DIODES-PAM99700 Datasheet
421Kb / 12P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
Rev 1
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
Universal High Brightness LED Driver
logo
SHOUDING Shouding Semic...
SD3390B SHOUDING-SD3390B Datasheet
1Mb / 4P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com