Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1211 Datasheet (PDF) - Supertex, Inc

MD1211 Datasheet PDF - Supertex, Inc
Part # MD1211
Download  MD1211 Download
File Size   377.38 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Speed, Dual MOSFET Driver

MD1211 Datasheet (PDF)

Go To PDF Page Download Datasheet
MD1211 Datasheet PDF - Supertex, Inc

Part # MD1211
Download  MD1211 Click to download

File Size   377.38 Kbytes
Page   4 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Speed, Dual MOSFET Driver

MD1211 Datasheet (HTML) - Supertex, Inc


MD1211 Product details

General Description
The Supertex MD1211 is a high speed, dual MOSFET driver. It is designed to drive high voltage N- and P-channel MOSFET transistors for medical ultrasound and other applications requiring a high output current for a capacitive load. The high-speed input stage of the MD1211 can operate from 1.2 to 5.0 volt logic interface with an optimum operating input signal range of 1.8 to 3.3 volts. The level translator uses a proprietary circuit, which provides DC coupling together with high-speed operation.

Features
► 10ns average rise and fall time with 1000pF load
► 2.0A peak output source/sink current
► 1.2V to 5.0V input CMOS compatible
► 4.5V to 13V total supply voltage
► Dual matched channels
► Reduced clock skew
► Low input capacitance
► Green packaging

Applications
► Medical ultrasound imaging
► Piezoelectric transducer drivers
► Nondestructive evaluation
► PIN diode driver
► High speed level translator
► Clock/line drivers




Similar Part No. - MD1211

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1210 SUTEX-MD1210 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1210K6 SUTEX-MD1210K6 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1210K6-G SUTEX-MD1210K6-G Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
More results


Similar Description - MD1211

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
HIGH SPEED DUAL MOSFET DRIVER
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
High Speed Dual MOSFET Driver
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110_0712 INTERSIL-ISL55110_0712 Datasheet
305Kb / 15P
Dual, High Speed MOSFET Driver
December 12, 2007
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
Dual, High Speed MOSFET Driver
December 16, 2008
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
Dual, High Speed MOSFET Driver
March 17, 2011
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
DUAL HIGH-SPEED MOSFET DRIVER
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
Dual, High Speed MOSFET Driver
May 30, 2014
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
Dual, High Speed MOSFET Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com