Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST303C Datasheet (PDF) - Vishay Siliconix

VS-ST303C Datasheet PDF - Vishay Siliconix
Part # VS-ST303C
Download  VS-ST303C Download
File Size   347.97 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inverter Grade Thyristors (PUK Version), 620 A

VS-ST303C Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-ST303C Datasheet PDF - Vishay Siliconix

Part # VS-ST303C
Download  VS-ST303C Click to download

File Size   347.97 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Inverter Grade Thyristors (PUK Version), 620 A

VS-ST303C Datasheet (HTML) - Vishay Siliconix


VS-ST303C Product details

FEATURES
• Metal case with ceramic insulator
• All diffused design
• Center amplifying gate
• Guaranteed high dV/dt
• Guaranteed high dI/dt
• International standard case E-PUK (TO-200AB)
• High surge current capability
• Low thermal impedance
• High speed performance
• Designed and qualified for industrial level
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
• Inverters
• Choppers
• Induction heating
• All types of force-commutated converters




Similar Part No. - VS-ST303C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST303C VISHAY-VS-ST303C Datasheet
318Kb / 10P
Inverter Grade Thyristors (PUK Version), 620 A
20-Dec-13
More results


Similar Description - VS-ST303C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C1111 IRF-ST303C1111 Datasheet
468Kb / 10P
INVERTER GRADE THYRISTORS Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST303CPBF VISHAY-ST303CPBF Datasheet
300Kb / 9P
Inverter Grade Thyristors (PUK Version), 620 A
25-Jul-08
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
Inverter Grade Thyristors (Hockey PUK Version), 720 A
30-Apr-08
VS-ST303C VISHAY-VS-ST303C Datasheet
318Kb / 10P
Inverter Grade Thyristors (PUK Version), 620 A
20-Dec-13
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 720 A
13-Sep-17
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 370 A
12-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
Inverter Grade Thyristors (Hockey PUK Version), 720 A
13-Sep-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com