Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4631 Datasheet (PDF) - Analog Devices

LTM4631 Datasheet PDF - Analog Devices
Part # LTM4631
Download  LTM4631 Download
File Size   3886.57 Kbytes
Page   130 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management

LTM4631 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4631 Datasheet PDF - Analog Devices

Part # LTM4631
Download  LTM4631 Click to download

File Size   3886.57 Kbytes
Page   130 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management

LTM4631 Datasheet (HTML) - Analog Devices


LTM4631 Product details

DESCRIPTION
The LTM®4686B is a dual 14A (17A peak) or single 28A
(34A peak) step-down μModule® (micromodule) DC/
DC regulator with 39ms turn-on time. It features remote
configurability and telemetry-monitoring of power management
parameters over PMBus—an open standard
I2C-based digital interface protocol . The LTM4686B is
comprised of fast analog control loops, precision mixedsignal
circuitry, EEPROM, power MOSFETs, inductors
and supporting components. A video on ultrathin module
products is available on the website. Click here .
The LTM4686B’s 2-wire serial interface allows outputs to be
margined, tuned and ramped up and down at programmable
slew rates with sequencing delay times. Input and output
currents and voltages, output power, temperature, uptime
and peak values are readable. Custom configuration of the
EEPROM contents is not required. Pin-strap resistors configure
start-up settings. The LTpowerPlay® GUI, DC1613
USB-to-PMBus converter, DC2086 programming adapter
and demo kits are available.
Pb-free and RoHS compliant, the LTM4686B is available
in a 16mm × 11.9mm × 1.82mm LGA package.
FEATURES
n Dual, Fast, Analog Loops with Digital Interface for
Control and Monitoring
n Input Voltage Range: 4.5V to 5.75V Standalone,
2.375V to 5.75V with Aux 5V Bias
n Output Voltage Range: 0.5V to 3.6V
n ±0.5% Maximum DC Output Error Over Temperature
n 14A DC Typical, 17A Peak Output Current, per Channel
n ±10% Current Readback Accuracy at 10A Load
n 400kHz PMBus-Compliant I2C Serial Interface
n Integrated 16-Bit ΔΣ ADC
n Supports Telemetry Polling Rates Up to 125Hz
n Constant Frequency Current Mode Control
n Parallel and Current Share Multiple Modules
n All 7-Bit Slave Addresses Supported
n Drop-In Pin-Compatible to Dual 10A LTM4686 and
Dual 9A LTM4675 and Dual 13A LTM4676A and Dual
18A LTM4677
n 16mm × 11.9mm × 1.82mm LGA Package
Readable Data
n Input and Output Voltages, Currents, and Temperatures
n Running Peak Values, Uptime, Faults and Warnings
n Onboard EEPROM with ECC and Fault Log Record
Writable Data and Configurable Parameters
n Output Voltage, Voltage Sequencing and Margining
n Digital Soft-Start/Stop Ramp
n OV/UV/OT, UVLO, Frequency and Phasing

APPLICATIONS
n System Optimization in Prototype and Production




Similar Part No. - LTM4631

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
LTM4631 LINER-LTM4631 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4631 LINER-LTM4631 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4631 LINER-LTM4631 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
More results


Similar Description - LTM4631

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4631 LINER-LTM4631 Datasheet
975Kb / 34P
Ultrathin Dual 10A or Single 20A DC/DC 關Module Regulator
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4664A AD-LTM4664A Datasheet
6Mb / 138P
30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com