Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3001885 Datasheet (PDF) - PHOENIX CONTACT

3001885 Datasheet PDF - PHOENIX CONTACT
Part # 3001885
Download  3001885 Download
File Size   772.85 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling panel - FTRV 8 /RDWH-COL

3001885 Datasheet (PDF)

Go To PDF Page Download Datasheet
3001885 Datasheet PDF - PHOENIX CONTACT

Part # 3001885
Download  3001885 Click to download

File Size   772.85 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling panel - FTRV 8 /RDWH-COL

3001885 Datasheet (HTML) - PHOENIX CONTACT


3001885 Product details

Marshalling panel, without actuation lever, nom. voltage: 250 V, nominal current: 8 A, connection
method: Push-in connection, 1st, 2nd, 3rd, 4th, 5th, 6th, 7th and 8th level, Rated cross
section: 1.5 mm2, cross section: 0.14 mm2 - 2.5 mm2, mounting: NS 35/7,5, NS 35/15,
color: gray

Your advantages
• Tool-free wiring in a confined space thanks to compact size
• Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.
• Individual color assignment of cable and terminal point to ensure error-free, safe operation
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry




Similar Part No. - 3001885

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001880 PHOENIX-3001880 Datasheet
670Kb / 24P
Marshalling panel - FTRV 4 /COL-WH
Jun 24, 2022
3001881 PHOENIX-3001881 Datasheet
673Kb / 24P
Marshalling panel - FTRV 4 /RD-COL
Jun 24, 2022
3001882 PHOENIX-3001882 Datasheet
670Kb / 24P
Marshalling panel - FTRV 4 /WH-COL
Jun 24, 2022
3001883 PHOENIX-3001883 Datasheet
672Kb / 24P
Marshalling panel - FTRV 4 /COL-COL
Jun 24, 2022
3001884 PHOENIX-3001884 Datasheet
773Kb / 28P
Marshalling panel - FTRV 8 /COL-WHRD
Jun 24, 2022
More results


Similar Description - 3001885

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001851 PHOENIX-3001851 Datasheet
769Kb / 28P
Marshalling panel - PTRV 8 /COL-RDWH
Jun 3, 2022
3270193 PHOENIX-3270193 Datasheet
924Kb / 35P
Marshalling panel - FTRV 8 /RDWH
Jun 15, 2022
3001760 PHOENIX-3001760 Datasheet
673Kb / 24P
Marshalling panel - FTRV 4 /COL-RD
Jun 24, 2022
3001852 PHOENIX-3001852 Datasheet
772Kb / 28P
Marshalling panel - FTRV 8 /COL-RDWH
Jun 24, 2022
3001877 PHOENIX-3001877 Datasheet
773Kb / 28P
Marshalling panel - PTRV 8 /RDWH-COL
Jun 24, 2022
3001880 PHOENIX-3001880 Datasheet
670Kb / 24P
Marshalling panel - FTRV 4 /COL-WH
Jun 24, 2022
3001882 PHOENIX-3001882 Datasheet
670Kb / 24P
Marshalling panel - FTRV 4 /WH-COL
Jun 24, 2022
3001883 PHOENIX-3001883 Datasheet
672Kb / 24P
Marshalling panel - FTRV 4 /COL-COL
Jun 24, 2022
3001884 PHOENIX-3001884 Datasheet
773Kb / 28P
Marshalling panel - FTRV 8 /COL-WHRD
Jun 24, 2022
3001888 PHOENIX-3001888 Datasheet
772Kb / 28P
Marshalling panel - FTRV 8 /COL-COL
Jun 23, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com