Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3273961 Datasheet (PDF) - PHOENIX CONTACT

3273961 Datasheet PDF - PHOENIX CONTACT
Part # 3273961
Download  3273961 Download
File Size   478.49 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-G PK

3273961 Datasheet (PDF)

Go To PDF Page Download Datasheet
3273961 Datasheet PDF - PHOENIX CONTACT

Part # 3273961
Download  3273961 Click to download

File Size   478.49 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X4-G PK

3273961 Datasheet (HTML) - PHOENIX CONTACT


3273961 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 32 A, connection method: Push-in connection, cross section: 0.2 mm2 - 6 mm2,
mounting type: adhesive, color: pink

Your advantages
• Clear arrangement thanks to marking of all terminal points
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Space-saving, thanks to the compact design
• Flexible use, thanks to DIN rail and direct mounting




Similar Part No. - 3273961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273960 PHOENIX-3273960 Datasheet
478Kb / 19P
Distribution block - PTFIX 12X4-G VT
Jun 22, 2022
3273962 PHOENIX-3273962 Datasheet
480Kb / 19P
Distribution block - PTFIX 12X4-G OG
Jun 27, 2022
3273964 PHOENIX-3273964 Datasheet
70Kb / 4P
Distribution block - PTFIX 12X4-FE-G
3273966 PHOENIX-3273966 Datasheet
477Kb / 18P
Distribution block - PTFIX 18X4-G GY
3273968 PHOENIX-3273968 Datasheet
69Kb / 4P
Distribution block - PTFIX 18X4-G BU
More results


Similar Description - 3273961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273829 PHOENIX-3273829 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4 PK
3273565 PHOENIX-3273565 Datasheet
481Kb / 20P
Distribution block - PTFIX 12X4-NS35 PK
Jun 29, 2022
3273950 PHOENIX-3273950 Datasheet
481Kb / 19P
Distribution block - PTFIX 12X4-G YE
Jun 27, 2022
3273411 PHOENIX-3273411 Datasheet
892Kb / 37P
Distribution block - PTFIX 6X2,5-G PK
Jun 22, 2022
3002901 PHOENIX-3002901 Datasheet
440Kb / 18P
Distribution block - PTFIX 12X1,5-G PK
Jul 21, 2022
3273697 PHOENIX-3273697 Datasheet
481Kb / 19P
Distribution block - PTFIX 12X4-NS35A PK
Jul 20, 2022
3273763 PHOENIX-3273763 Datasheet
477Kb / 19P
Distribution block - PTFIX 10/12X4-NS35A PK
Jul 29, 2022
3274027 PHOENIX-3274027 Datasheet
468Kb / 18P
Distribution block - PTFIX 10/12X4-G PK
Jul 29, 2022
3273631 PHOENIX-3273631 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-NS35 PK
Nov 30, 2022
3273895 PHOENIX-3273895 Datasheet
542Kb / 21P
Distribution block - PTFIX 10/12X4 PK
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com