Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1920 Datasheet (PDF) - ams AG

AS1920 Datasheet PDF - ams AG
Part # AS1920
Download  AS1920 Download
File Size   341.65 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits

AS1920 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1920 Datasheet PDF - ams AG

Part # AS1920
Download  AS1920 Click to download

File Size   341.65 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits

AS1920 Datasheet (HTML) - ams AG


AS1920 Product details

General Description

The AS1920 and AS1922 microprocessor supervisory circuits were designed to generate a reset when at least

one of the three monitored supply voltages falls below its respective trip threshold.



Key Features

! Simultaneous Triple-Voltage Monitoring

! Very-Low Supply Current: 6.2µA

! ±1.5% Accuracy Over Temperature

! Reset Time Delay: 200ms

! Power Supply Transient Immunity

! Guaranteed Reset for VCC3 ≥1V or VCC18 ≥ 1V

! Active-Low Push/Pull Reset Output (AS1920)

! Active-Low Open-Drain Reset Output (AS1922)

! 5-pin SOT23 Package



Applications

The devices are ideal for personal computers, note books, battery-powered systems, embedded controllers,

intelligent instruments, automotive systems, critical CPU monitoring, and any multi-supply monitoring application.



 




Similar Part No. - AS1920

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1920 AMSCO-AS1920 Datasheet
279Kb / 14P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1920 AMSCO-AS1920 Datasheet
733Kb / 15P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1920-18 AMSCO-AS1920-18 Datasheet
279Kb / 14P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1920-18-T AMSCO-AS1920-18-T Datasheet
279Kb / 14P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1920-18-T AMSCO-AS1920-18-T Datasheet
733Kb / 15P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
More results


Similar Description - AS1920

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
logo
ams AG
AS1920 AMSCO-AS1920_1 Datasheet
279Kb / 14P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
logo
Sipex Corporation
SP706REN-L SIPEX-SP706REN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
ams AG
AS1920 AMSCO-AS1920_07 Datasheet
733Kb / 15P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP707EN-L SIPEX-SP707EN-L Datasheet
201Kb / 18P
Low Power Microprocessor Supervisory Circuits
logo
Shanghai Consonance Ele...
CN705 CONSONANCE-CN705 Datasheet
390Kb / 14P
Low Power Microprocessor Supervisory Circuits
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com