Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEP0301M Datasheet (PDF) - Rectron Semiconductor

TEP0301M Datasheet PDF - Rectron Semiconductor
Part # TEP0301M
Download  TEP0301M Download
File Size   353.11 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description Low Capacitance TVS/ESD Protection Diode

TEP0301M Datasheet (PDF)

Go To PDF Page Download Datasheet
TEP0301M Datasheet PDF - Rectron Semiconductor

Part # TEP0301M
Download  TEP0301M Click to download

File Size   353.11 Kbytes
Page   5 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description Low Capacitance TVS/ESD Protection Diode

TEP0301M Datasheet (HTML) - Rectron Semiconductor


TEP0301M Product details

DESCRIPTION
TEP0301M is a low-capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic discharge (ESD) protection for data,
control or power lines. With Maximum
capacitance of 15pF, TEP0301M is
designed to protect parasitic-sensitive systems
against over-voltage and over-current transient
events. It complies with IEC 61000-4-2 (ESD),
Level 4 (±15kV air, ±8kV contact discharge), IEC
61000-4-4 (electrical fast transient - EFT) (40A,
5/50 ns), very fast charged device model (CDM)
ESD and cable discharge event (CDE), etc.
TEP0301M uses ultra-small DFN1006
package. Each TEP0301M device can
protect one data line. It offers system designers
flexibility to protect single data line where space
is a premium concern.

FEATURES
 Transient protection for high-speed data lines
IEC 61000-4-2 (ESD) ±30kV (Contact)
±30kV (Air)
IEC 61000-4-4 (EFT) 40A (5/50 ns)
Cable Discharge Event (CDE)
 Package optimized for high-speed lines
 Ultra-small package (1.0mm0.6mm0.4mm)
 Protects one data, control or power line
 Low capacitance: 15pF (Maximum)
 Low leakage current
 Low clamping voltage




Similar Part No. - TEP0301M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP0302D RECTRON-TEP0302D Datasheet
181Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0302TD RECTRON-TEP0302TD Datasheet
199Kb / 4P
Ultra Low Capacitance TVS/ESD Protection Diode
TEP0306D RECTRON-TEP0306D Datasheet
531Kb / 5P
Ultra Low Capacitance TVS/ESD Protection Diode
More results


Similar Description - TEP0301M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RSRV05-4LC RECTRON-RSRV05-4LC Datasheet
209Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP0801MLC RECTRON-TEP0801MLC Datasheet
247Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP81302LC RECTRON-TEP81302LC Datasheet
723Kb / 6P
Low Capacitance TVS/ESD Protection Diode
logo
SeCoS Halbleitertechnol...
SZMD0502 SECOS-SZMD0502 Datasheet
209Kb / 2P
Ultra Low Capacitance TVS/ESD Protection Diode
logo
Rectron Semiconductor
TEP0701M RECTRON-TEP0701M Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP1201M RECTRON-TEP1201M Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401M RECTRON-TEP2401M Datasheet
511Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401QM RECTRON-TEP2401QM Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP2401TM RECTRON-TEP2401TM Datasheet
249Kb / 5P
Low Capacitance TVS/ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com