Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98AON04475D Datasheet (PDF) - ON Semiconductor

98AON04475D Datasheet PDF - ON Semiconductor
Part # 98AON04475D
Download  98AON04475D Download
File Size   386.5 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM, Serial, 4-Kb I2C, Low Voltage Automotive Grade 1

98AON04475D Datasheet (PDF)

Go To PDF Page Download Datasheet
98AON04475D Datasheet PDF - ON Semiconductor

Part # 98AON04475D
Download  98AON04475D Click to download

File Size   386.5 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description EEPROM, Serial, 4-Kb I2C, Low Voltage Automotive Grade 1

98AON04475D Datasheet (HTML) - ON Semiconductor


98AON04475D Product details

Description
The NV24C04LV are 4−Kb CMOS Serial EEPROM devices that
operate at a minimum 1.7 V supply voltage. They are organized
internally as 32 pages of 16 bytes each. All devices support the
Standard (100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C
protocol.
Data is written by providing a starting address, then loading 1 to 16
contiguous bytes into a Page Write Buffer, and then writing all data to
non−volatile memory in one internal write cycle. Data is read by
providing a starting address and then shifting out data serially while
automatically incrementing the internal address count.
External address pins make it possible to address up to four
NV24C04 device on the same bus.

Features
• Automotive AEC−Q100 Grade 1 (−40°C to +125°C) Qualified
• Supports Standard, Fast and Fast−Plus I2C Protocol
• 1.7 V to 5.5 V Supply Voltage Range
• 16−Byte Page Write Buffer
• Fast Write Time (4 ms max)
• Hardware Write Protection for Entire Memory
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
• Low power CMOS Technology
• More than 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Automotive Grade 1 Temperature Range
• SOIC, TSSOP, US 8−Lead, TSOP−5 Lead and Wettable Flank UDFN
8−pad Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - 98AON04475D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
98AON04475D ONSEMI-98AON04475D Datasheet
435Kb / 15P
EEPROM, Serial, 8-Kb I2C, Low Voltage Automotive Grade 1
October, 2021 ??Rev. 2
98AON04475D ONSEMI-98AON04475D Datasheet
435Kb / 15P
EEPROM, Serial, 16-Kb I2C, Low Voltage Automotive Grade 1
October, 2021 ??Rev. 3
98AON04475D ONSEMI-98AON04475D Datasheet
379Kb / 13P
EEPROM Serial 32-Kb I2C - Automotive Grade 1
November, 2019 ??Rev. 1
98AON04475D ONSEMI-98AON04475D Datasheet
529Kb / 15P
EEPROM, Serial, 16-Kb I2C, Low Voltage Automotive Grade 1
June, 2023 - Rev. 4
More results


Similar Description - 98AON04475D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
1-kb I2C Serial EEPROM
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAV24C02 ONSEMI-CAV24C02_18 Datasheet
327Kb / 19P
EEPROM Serial 2/4/8/16-Kb I2C - Automotive Grade 1
May, 2018 ??Rev. 6
NV34C04 ONSEMI-NV34C04 Datasheet
112Kb / 12P
EEPROM Serial 4-Kb SPD Automotive Grade 1
September, 2018 ??Rev. 0
CAV93C66 ONSEMI-CAV93C66_V01 Datasheet
229Kb / 11P
EEPROM Serial 4-Kb Microwire - Automotive Grade 1
April, 2019 ??Rev. 2
NV24C08LV ONSEMI-NV24C08LV Datasheet
435Kb / 15P
EEPROM, Serial, 8-Kb I2C, Low Voltage Automotive Grade 1
October, 2021 ??Rev. 2
NV24C16LV ONSEMI-NV24C16LV Datasheet
435Kb / 15P
EEPROM, Serial, 16-Kb I2C, Low Voltage Automotive Grade 1
October, 2021 ??Rev. 3
NV24C32LV ONSEMI-NV24C32LV Datasheet
379Kb / 13P
EEPROM Serial 32-Kb I2C - Automotive Grade 1
November, 2019 ??Rev. 1
NV25010LV ONSEMI-NV25010LV Datasheet
312Kb / 14P
EEPROM Serial 1/2/4-Kb SPI Low Voltage Automotive Grade 1
March, 2019 - Rev. 2
CAV93C76 ONSEMI-CAV93C76 Datasheet
286Kb / 11P
EEPROM Serial 8-Kb Microwire - Automotive Grade 1
April, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com