Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3001990 Datasheet (PDF) - PHOENIX CONTACT

3001990 Datasheet PDF - PHOENIX CONTACT
Part # 3001990
Download  3001990 Download
File Size   347.19 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - FTMC 1,5 /7-2 -DF

3001990 Datasheet (PDF)

Go To PDF Page Download Datasheet
3001990 Datasheet PDF - PHOENIX CONTACT

Part # 3001990
Download  3001990 Click to download

File Size   347.19 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - FTMC 1,5 /7-2 -DF

3001990 Datasheet (HTML) - PHOENIX CONTACT


3001990 Product details

Marshalling patchboard, without actuation lever, nom. voltage: 500 V, nominal current: 10 A,
connection method: Push-in connection, Rated cross section: 1.5 mm2, cross section: 0.14 mm2
- 2.5 mm2, mounting: Wall mounting, color: gray

Your advantages
• Individual setup thanks to modular principle
• Tool-free wiring in a confined space thanks to compact size
• For mounting in a panel cutout
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• Individual color assignment of cable and terminal point to ensure error-free, safe operation
• Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.




Similar Part No. - 3001990

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300199 VISHAY-300199 Datasheet
123Kb / 4P
Bulk Metal Foil Technology Molded Resistor Networks
18-Aug-04
logo
PHOENIX CONTACT
3001991 PHOENIX-3001991 Datasheet
346Kb / 14P
Marshalling patchboard - FTMC 1,5 /8-2 -DF
Jun 16, 2022
3001998 PHOENIX-3001998 Datasheet
261Kb / 6P
E AB A 85X83X60 6MPT - Junction box
3001999 PHOENIX-3001999 Datasheet
272Kb / 6P
E AB A 130X80X60 12MPT - Junction box
logo
Vishay Siliconix
300199Z VISHAY-300199Z Datasheet
148Kb / 6P
Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
08-Aug-06
More results


Similar Description - 3001990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3001976 PHOENIX-3001976 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /2-3 -DF
Jun 16, 2022
3001978 PHOENIX-3001978 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /4-3 -DF
Jun 16, 2022
3001981 PHOENIX-3001981 Datasheet
346Kb / 14P
Marshalling patchboard - FTMC 1,5 /7-3 -DF
Jun 16, 2022
3001984 PHOENIX-3001984 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /1-2 -DF
Jun 16, 2022
3001985 PHOENIX-3001985 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /2-2 -DF
Jun 16, 2022
3001986 PHOENIX-3001986 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /3-2 -DF
Jun 16, 2022
3001987 PHOENIX-3001987 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /4-2 -DF
Jun 16, 2022
3001988 PHOENIX-3001988 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /5-2 -DF
Jun 16, 2022
3001989 PHOENIX-3001989 Datasheet
347Kb / 14P
Marshalling patchboard - FTMC 1,5 /6-2 -DF
Jun 16, 2022
3001991 PHOENIX-3001991 Datasheet
346Kb / 14P
Marshalling patchboard - FTMC 1,5 /8-2 -DF
Jun 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com