Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3002787 Datasheet (PDF) - PHOENIX CONTACT

3002787 Datasheet PDF - PHOENIX CONTACT
Part # 3002787
Download  3002787 Download
File Size   494.89 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X1,5 PK

3002787 Datasheet (PDF)

Go To PDF Page Download Datasheet
3002787 Datasheet PDF - PHOENIX CONTACT

Part # 3002787
Download  3002787 Click to download

File Size   494.89 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 6X1,5 PK

3002787 Datasheet (HTML) - PHOENIX CONTACT


3002787 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: pink

Your advantages
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Flexible use, thanks to direct mounting with flange covers from accessories
• Space-saving, thanks to the compact design
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 3002787

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002780 PHOENIX-3002780 Datasheet
500Kb / 21P
Distribution block - PTFIX 18X1,5 WH
Jun 24, 2022
3002781 PHOENIX-3002781 Datasheet
492Kb / 21P
Distribution block - PTFIX 6X1,5 BK
Jun 2, 2022
3002782 PHOENIX-3002782 Datasheet
497Kb / 21P
Distribution block - PTFIX 12X1,5 BK
Jun 2, 2022
3002784 PHOENIX-3002784 Datasheet
497Kb / 20P
Distribution block - PTFIX 6X1,5 VT
Jul 21, 2022
3002785 PHOENIX-3002785 Datasheet
503Kb / 20P
Distribution block - PTFIX 12X1,5 VT
Jul 21, 2022
More results


Similar Description - 3002787

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273829 PHOENIX-3273829 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4 PK
3002778 PHOENIX-3002778 Datasheet
145Kb / 12P
Distribution block - PTFIX 6X1,5 WH
09/12/2020
1045941 PHOENIX-1045941 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 PK
Jun 22, 2022
3002795 PHOENIX-3002795 Datasheet
510Kb / 21P
Distribution block - PTFIX 6X1,5-FE
Jun 15, 2022
3002900 PHOENIX-3002900 Datasheet
431Kb / 19P
Distribution block - PTFIX 6X1,5-G PK
Jul 6, 2022
1047488 PHOENIX-1047488 Datasheet
460Kb / 19P
Distribution block - PTFIX 4/6X1,5-G PK
Nov 30, 2022
1047500 PHOENIX-1047500 Datasheet
462Kb / 20P
Distribution block - PTFIX 4/6X1,5-NS15A PK
Nov 30, 2022
3002976 PHOENIX-3002976 Datasheet
437Kb / 19P
Distribution block - PTFIX 6X1,5-NS15A PK
Jul 21, 2022
3273325 PHOENIX-3273325 Datasheet
642Kb / 27P
Distribution block - PTFIX 18X2,5 PK
Nov 30, 2022
3273851 PHOENIX-3273851 Datasheet
556Kb / 22P
Distribution block - PTFIX 18X4 PK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com