Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1935 Datasheet (PDF) - Linear Integrated Systems

LT1935 Datasheet PDF - Linear Integrated Systems
Part # LT1935
Download  LT1935 Download
File Size   185.54 Kbytes
Page   8 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch

LT1935 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1935 Datasheet PDF - Linear Integrated Systems

Part # LT1935
Download  LT1935 Click to download

File Size   185.54 Kbytes
Page   8 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description 1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch

LT1935 Datasheet (HTML) - Linear Integrated Systems


LT1935 Product details

DESCRIPTION
The LT®1935 is the industry’s highest power SOT-23 switching regulator. Its unprecedented 2A, 40V internal switch allows high output currents to be generated in a small footprint. Intended for space-conscious applications, the LT1935 switches at 1.2MHz, allowing the use of tiny, low profile inductors and capacitors 2mm or less in height. The NPN switch achieves a VCESAT of just 180mV at 2A independent of supply voltage, resulting in high efficiency even at maximum power levels from a 3V input.

FEATURES
■ 1.2MHz Switching Frequency
■ High Output Voltage: Up to 38V
■ Wide Input Range: 2.3V to 16V
■ Low VCESAT Switch: 180mV at 2A
■ Soft-Start
■ Uses Small Surface Mount Components
■ 5V at 1A from 3.3V Input
■ 12V at 600mA from 5V Input
■ Low Shutdown Current: <1µA
■ Pin-for-Pin Compatible with the LT1613 and LT1930
■ Low Profile (1mm) SOT-23 (ThinSOTTM) Package

APPLICATIONS
■ Digital Cameras
■ Battery Backup
■ LCD Bias
■ Local 5V or 12V Supply
■ PC Cards
■ xDSL Power Supply
■ TFT-LCD Bias Supply




Similar Part No. - LT1935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LT1935 LINER-LT1935 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1935 LINER-LT1935 Datasheet
195Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LT1935ES5 LINER-LT1935ES5 Datasheet
189Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
More results


Similar Description - LT1935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LT1931AIS5 LINER-LT1931AIS5 Datasheet
426Kb / 12P
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com