Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHC5513 Datasheet (PDF) - ON Semiconductor

NTHC5513 Datasheet PDF - ON Semiconductor
Part # NTHC5513
Download  NTHC5513 Download
File Size   89.59 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM

NTHC5513 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTHC5513 Datasheet PDF - ON Semiconductor

Part # NTHC5513
Download  NTHC5513 Click to download

File Size   89.59 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM

NTHC5513 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTHC5513

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHC5513 ONSEMI-NTHC5513 Datasheet
96Kb / 9P
Power MOSFET
October, 2016 ??Rev. 5
NTHC5513T1G ONSEMI-NTHC5513T1G Datasheet
96Kb / 9P
Power MOSFET
October, 2016 ??Rev. 5
NTHC5513 ONSEMI-NTHC5513_16 Datasheet
96Kb / 9P
Power MOSFET
October, 2016 ??Rev. 5
More results


Similar Description - NTHC5513

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD3100C ONSEMI-NTHD3100C Datasheet
153Kb / 8P
Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com