Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCUT0714BHD1 Datasheet (PDF) - Vishay Siliconix

VCUT0714BHD1 Datasheet PDF - Vishay Siliconix
Part # VCUT0714BHD1
Download  VCUT0714BHD1 Download
File Size   152.51 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in DFN1006-2A

VCUT0714BHD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCUT0714BHD1 Datasheet PDF - Vishay Siliconix

Part # VCUT0714BHD1
Download  VCUT0714BHD1 Click to download

File Size   152.51 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in DFN1006-2A

VCUT0714BHD1 Datasheet (HTML) - Vishay Siliconix


VCUT0714BHD1 Product details

FEATURES
• Ultra compact DFN1006-2A
• AEC-Q101 qualified available
• Low package height
• 1-line ESD protection
• Working range -7 V up to +14 V or -14 V up to +7 V
• Low leakage current < 0.1 μA
• Low load capacitance typical CD = 8 pF
• ESD immunity acc. IEC 61000-4-2
± 25 kV contact discharge
± 30 kV air discharge
• e3 - Sn
Tin plated exposed side wall of lead frame
- Soldering can be checked by standard vision inspection
- AOI = automated optical inspection
- No X-ray necessary
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Available




Similar Part No. - VCUT0714BHD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT0714BHD1 VISHAY-VCUT0714BHD1 Datasheet
118Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in DFN1006-2A
16-Mar-2021
More results


Similar Description - VCUT0714BHD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1 Datasheet
129Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
22-Nov-07
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1_10 Datasheet
120Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in LLP1006-2L
26-Oct-10
VCUT0714A-02Z-GS08 VISHAY-VCUT0714A-02Z-GS08 Datasheet
114Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD923
09-Aug-09
VCUT0714-HD1 VISHAY-VCUT0714-HD1 Datasheet
138Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
04-May-2020
VCUT0714BHD1 VISHAY-VCUT0714BHD1 Datasheet
118Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in DFN1006-2A
16-Mar-2021
VCUT0714A02V VISHAY-VCUT0714A02V Datasheet
119Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
VCUT0714A-HD1 VISHAY-VCUT0714A-HD1_V01 Datasheet
139Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection Diode in LLP1006-2L
04-May-2020
VESD01C1-HD1 VISHAY-VESD01C1-HD1 Datasheet
186Kb / 11P
Single-Line ESD-Protection Diode in DFN1006-2A
19-Jan-2022
VCUT0610AHD1 VISHAY-VCUT0610AHD1 Datasheet
104Kb / 5P
Bidirectional Asymmetrical (BiAs) Single Line ESD Protection
14-Aug-2019
VCUT0714A02V VISHAY-VCUT0714A02V_V01 Datasheet
118Kb / 6P
Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in SOD-523
05-Aug-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com