Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4812 Datasheet (PDF) - AiT Semiconductor Inc.

A4812 Datasheet PDF - AiT Semiconductor Inc.
Part # A4812
Download  A4812 Download
File Size   363.47 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR

A4812 Datasheet (PDF)

Go To PDF Page Download Datasheet
A4812 Datasheet PDF - AiT Semiconductor Inc.

Part # A4812
Download  A4812 Click to download

File Size   363.47 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR

A4812 Datasheet (HTML) - AiT Semiconductor Inc.


A4812 Product details

DESCRIPTION
The A4812 series is a series of high precision programmable voltage detectors developed by CMOS process. The detection voltage is programmable by external resistors with an accuracy of ±1.0%. Two output forms, Nch open-drain active low and CMOS active high output, are available. Ultra-low current consumption and miniature package lineup can meet demand from the portable device applications.
The A4812 is available in SC70-5 package.

FEATURES
 High-precision detection voltage±1%
 Ultra-low current consumption 4.0μA typ. (VIN=3.0V)
 Operating voltage range 0.7V to 8.0V
 Output form Nch open-drain output (Active Low) or CMOS output (Active Low)
 Detection voltage temperature characteristics
±100ppm(typ.)
 Available in SC70-5 Package APPLICATION
 Battery checkers
 Power failure detectors
 Power monitor for portable equipments such as pagers, calculators, electronic notebooks and remote controllers.
 Constant voltage power monitor for cameras, video equipments and communication devices.
 Power monitor for microcomputers and reset for CPUs.




Similar Part No. - A4812

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A4812XD MICRODC-A4812XD Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
A4812XD-2W MICRODC-A4812XD-2W Datasheet
1Mb / 5P
Isolated 2W Dual Output DC/DC Converters
A4812XS MICRODC-A4812XS Datasheet
579Kb / 5P
Isolated 1W Dual Output DC/DC Converters
A4812XS-2W MICRODC-A4812XS-2W Datasheet
1Mb / 5P
Isolated 2W Dual Output DC/DC Converters
More results


Similar Description - A4812

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-1000 SII-S-1000 Datasheet
494Kb / 38P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
Ultra-small package High-precision Voltage Detector with delay
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
AiT Semiconductor Inc.
A4804 AITSEMI-A4804 Datasheet
661Kb / 10P
SUPERVISOR (RESET IC) HIGH-PRECISION N-CH LOW VOLTAGE DETECTOR
REV1.3
A4805 AITSEMI-A4805 Datasheet
425Kb / 8P
SUPERVISOR (RESET IC) HIGH VOLTAGE HIGH PRECISION VOLTAGE DETECTOR
REV1.4
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com