Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NC7SP04 Datasheet (PDF) - ON Semiconductor

NC7SP04 Datasheet PDF - ON Semiconductor
Part # NC7SP04
Download  NC7SP04 Download
File Size   351.17 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A Inverter

NC7SP04 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP04 Datasheet PDF - ON Semiconductor

Part # NC7SP04
Download  NC7SP04 Click to download

File Size   351.17 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A Inverter

NC7SP04 Datasheet (HTML) - ON Semiconductor


NC7SP04 Product details

The NC7SP04 is a single inverter in tiny footprint packages. The
device is designed to operate for VCC = 0.9 V to 3.6 V.
Features
• Designed for 0.9 V to 3.6 V VCC Operation
• 2.9 ns tPD at 3.3 V (Typ)
• Inputs/Outputs Over−Voltage Tolerant up to 3.6 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 2.6 mA at 3.3 V
• Available in SC−88A and MicroPak™ Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - NC7SP04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP04 FAIRCHILD-NC7SP04 Datasheet
306Kb / 9P
TinyLogic ULP Inverter
NC7SP04 FAIRCHILD-NC7SP04 Datasheet
296Kb / 9P
TinyLogic ULP Inverter
logo
ON Semiconductor
NC7SP04 ONSEMI-NC7SP04 Datasheet
635Kb / 11P
ULP Inverter
December 2010 Rev. 1.0.5
logo
Fairchild Semiconductor
NC7SP04FHX FAIRCHILD-NC7SP04FHX Datasheet
655Kb / 9P
NC7SP04 ??TinyLogic짰 ULP Inverter
logo
ON Semiconductor
NC7SP04FHX ONSEMI-NC7SP04FHX Datasheet
635Kb / 11P
ULP Inverter
December 2010 Rev. 1.0.5
More results


Similar Description - NC7SP04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV04 FAIRCHILD-NC7SV04 Datasheet
172Kb / 9P
TinyLogic ULP-A Inverter
NC7SVU04 FAIRCHILD-NC7SVU04 Datasheet
307Kb / 9P
TinyLogic ULP-A Unbuffered Inverter
NC7WV04 FAIRCHILD-NC7WV04 Datasheet
181Kb / 9P
TinyLogic ULP-A Dual Inverter
NC7SV04 FAIRCHILD-NC7SV04_04 Datasheet
162Kb / 9P
TinyLogic ULP-A Inverter
NC7SVU04 FAIRCHILD-NC7SVU04_04 Datasheet
296Kb / 9P
TinyLogic ULP-A Unbuffered Inverter
logo
ON Semiconductor
NC7SV04 ONSEMI-NC7SV04 Datasheet
590Kb / 13P
TinyLogic ULP-A Inverter
November 2010 Rev. 1.0.4
NC7SV05 ONSEMI-NC7SV05 Datasheet
582Kb / 12P
TinyLogic ULP-A Inverter
September 2011 Rev. 1.0.4
NC7SVU04 ONSEMI-NC7SVU04 Datasheet
390Kb / 11P
TinyLogic ULP-A Unbuffered Inverter
Revised March 2004
NC7WV14 ONSEMI-NC7WV14 Datasheet
354Kb / 14P
TinyLogic ULP-A Dual Inverter
June 2008 Rev. 1.0.0
NC7SV04 ONSEMI-NC7SV04_V01 Datasheet
386Kb / 10P
TinyLogic ULP-A Inverter
February, 2021 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com