Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0717704 Datasheet (PDF) - PHOENIX CONTACT

0717704 Datasheet PDF - PHOENIX CONTACT
Part # 0717704
Download  0717704 Download
File Size   348.82 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel feed-through terminal block - HDFKV 16 BU

0717704 Datasheet (PDF)

Go To PDF Page Download Datasheet
0717704 Datasheet PDF - PHOENIX CONTACT

Part # 0717704
Download  0717704 Click to download

File Size   348.82 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel feed-through terminal block - HDFKV 16 BU

0717704 Datasheet (HTML) - PHOENIX CONTACT


0717704 Product details

Panel feed-through terminal block, connection method: Screw connection with tension sleeve,
Screw connection with tension sleeve, number of positions: 1, load current: 76 A, cross section:
0.5 mm2 - 25 mm2, connection direction of the conductor to plug-in direction: -90 °, width: 12.1
mm, color: blue

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Tool-free snap-in principle enables easy mounting on the device panel
• Automatic panel thickness compensation enables universal use




Similar Part No. - 0717704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0717746 PHOENIX-0717746 Datasheet
108Kb / 8P
Panel feed-through terminal block - HDFK 10A NZ.A5E00703412
09/12/2020
More results


Similar Description - 0717704

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0709783 PHOENIX-0709783 Datasheet
78Kb / 4P
Feed-through terminal block - HDFKV 16-VP
0709903 PHOENIX-0709903 Datasheet
60Kb / 5P
Panel feed-through terminal block - HDFKV 16-VP GNYE
0714079 PHOENIX-0714079 Datasheet
72Kb / 4P
Feed-through terminal block - HDFKV 16/Z
0714147 PHOENIX-0714147 Datasheet
73Kb / 5P
Panel feed-through terminal block - HDFKV 16-VP/Z
0717681 PHOENIX-0717681 Datasheet
61Kb / 5P
Panel feed-through terminal block - HDFKV 16 RD
0717694 PHOENIX-0717694 Datasheet
61Kb / 5P
Panel feed-through terminal block - HDFKV 16 BK
3001734 PHOENIX-3001734 Datasheet
84Kb / 6P
Feed-through terminal block - HDFKV 16
0717856 PHOENIX-0717856 Datasheet
357Kb / 9P
Panel feed-through terminal block - HDFKV 16-VP BU
Jul 20, 2022
0709275 PHOENIX-0709275 Datasheet
324Kb / 10P
Panel feed-through terminal block - HDFKV 4 GNYE
Jul 29, 2022
0714040 PHOENIX-0714040 Datasheet
503Kb / 13P
Panel feed-through terminal block - HDFKV 4/Z
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com