Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1392187 Datasheet (PDF) - PHOENIX CONTACT

1392187 Datasheet PDF - PHOENIX CONTACT
Part # 1392187
Download  1392187 Download
File Size   339.11 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PCV 5/ 3-GF-15,24

1392187 Datasheet (PDF)

Go To PDF Page Download Datasheet
1392187 Datasheet PDF - PHOENIX CONTACT

Part # 1392187
Download  1392187 Click to download

File Size   339.11 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PCV 5/ 3-GF-15,24

1392187 Datasheet (HTML) - PHOENIX CONTACT


1392187 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, type of contact: Male connector, number of rows: 1, number
of positions: 3, product range: PCV 5/..-GF, pitch: 15.24 mm, mounting: Wave soldering, pin
layout: Linear pinning, solder pin [P]: 5 mm, number of solder pins per potential: 3, plug-in
system: COMBICON PC 5, Pin connector pattern alignment: Standard, locking: Screw locking,
mounting: Threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1392187

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1392186 PHOENIX-1392186 Datasheet
339Kb / 8P
PCB header - PCV 5/ 2-GF-15,24
Jul 20, 2022
1392189 PHOENIX-1392189 Datasheet
337Kb / 8P
PCB header - PCV 5/ 5-GF-15,24
Jul 20, 2022
More results


Similar Description - 1392187

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720932 PHOENIX-1720932 Datasheet
72Kb / 4P
Housing - PCV 5/ 5-GF-7,62
1392186 PHOENIX-1392186 Datasheet
339Kb / 8P
PCB header - PCV 5/ 2-GF-15,24
Jul 20, 2022
1392189 PHOENIX-1392189 Datasheet
337Kb / 8P
PCB header - PCV 5/ 5-GF-15,24
Jul 20, 2022
1392190 PHOENIX-1392190 Datasheet
337Kb / 8P
PCB header - PCV 5/ 6-GF-15,24
Jul 20, 2022
1395131 PHOENIX-1395131 Datasheet
338Kb / 8P
PCB header - PCV 5/ 4-GF-15,24
Jul 20, 2022
1391646 PHOENIX-1391646 Datasheet
345Kb / 10P
PCB connector - PC 5/ 3-STF1-15,24
Jul 20, 2022
1720589 PHOENIX-1720589 Datasheet
441Kb / 14P
PCB header - PCV 5/ 3-G-7,62
Nov 30, 2022
1720903 PHOENIX-1720903 Datasheet
268Kb / 9P
PCB header - PCV 5/ 2-GF-7,62
Jan 3, 2023
1720916 PHOENIX-1720916 Datasheet
268Kb / 9P
PCB header - PCV 5/ 3-GF-7,62
Jan 3, 2023
1720987 PHOENIX-1720987 Datasheet
430Kb / 12P
PCV 5/10-GF-7,62 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com