Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1716848 Datasheet (PDF) - PHOENIX CONTACT

1716848 Datasheet PDF - PHOENIX CONTACT
Part # 1716848
Download  1716848 Download
File Size   257.67 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 16 HC/ 4-G-10,16

1716848 Datasheet (PDF)

Go To PDF Page Download Datasheet
1716848 Datasheet PDF - PHOENIX CONTACT

Part # 1716848
Download  1716848 Click to download

File Size   257.67 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 16 HC/ 4-G-10,16

1716848 Datasheet (HTML) - PHOENIX CONTACT


1716848 Product details

PCB headers, nominal cross section: 16 mm2, color: green, nominal current: 76 A, rated voltage
(III/2): 690 V, contact surface: Tin, type of contact: Male connector, number of rows: 1, number of
positions: 4, product range: PC 16 HC/..-G, pitch: 10.16 mm, mounting: Wave soldering, pin
layout: Linear three-way pinning, solder pin [P]: 4 mm, number of solder pins per potential: 4,
plug-in system: COMBICON PC 16 advanced, Pin connector pattern alignment: Standard,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use




Similar Part No. - 1716848

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716841 PHOENIX-1716841 Datasheet
249Kb / 6P
PCB connector - LPC 16 HC/ 6-STL4-10,16
Jul 20, 2022
logo
List of Unclassifed Man...
171684160L-F ETC2-171684160L-F Datasheet
190Kb / 3P
Radial Box Metallized Polypropylene Capacitors
171684250Q-F ETC2-171684250Q-F Datasheet
190Kb / 3P
Radial Box Metallized Polypropylene Capacitors
171684400Q-F ETC2-171684400Q-F Datasheet
190Kb / 3P
Radial Box Metallized Polypropylene Capacitors
logo
PHOENIX CONTACT
1716846 PHOENIX-1716846 Datasheet
246Kb / 7P
PCB header - PC 16 HC/ 2-G-10,16
Jul 20, 2022
More results


Similar Description - 1716848

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716846 PHOENIX-1716846 Datasheet
246Kb / 7P
PCB header - PC 16 HC/ 2-G-10,16
Jul 20, 2022
1716847 PHOENIX-1716847 Datasheet
257Kb / 7P
PCB header - PC 16 HC/ 3-G-10,16
Jul 20, 2022
1716850 PHOENIX-1716850 Datasheet
257Kb / 7P
PCB header - PC 16 HC/ 5-G-10,16
Jul 20, 2022
1716851 PHOENIX-1716851 Datasheet
256Kb / 7P
PCB header - PC 16 HC/ 6-G-10,16
Jul 20, 2022
1716857 PHOENIX-1716857 Datasheet
251Kb / 7P
PCB header - PC 16 HC/ 2-GL2-10,16
Jul 20, 2022
1716858 PHOENIX-1716858 Datasheet
255Kb / 7P
PCB header - PC 16 HC/ 3-GL2-10,16
Jul 20, 2022
1716866 PHOENIX-1716866 Datasheet
255Kb / 7P
PCB header - PC 16 HC/ 4-GL3-10,16
Jul 20, 2022
1716867 PHOENIX-1716867 Datasheet
255Kb / 7P
PCB header - PC 16 HC/ 5-GL3-10,16
Jul 20, 2022
1716874 PHOENIX-1716874 Datasheet
254Kb / 7P
PCB header - PC 16 HC/ 6-GL4-10,16
Jul 20, 2022
1913646 PHOENIX-1913646 Datasheet
632Kb / 12P
PCB header - PC 6-16/ 2-G-10,16
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com