Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1849007 Datasheet (PDF) - PHOENIX CONTACT

1849007 Datasheet PDF - PHOENIX CONTACT
Part # 1849007
Download  1849007 Download
File Size   562.16 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/13-ST-3,81

1849007 Datasheet (PDF)

Go To PDF Page Download Datasheet
1849007 Datasheet PDF - PHOENIX CONTACT

Part # 1849007
Download  1849007 Click to download

File Size   562.16 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - LPC 1,5/13-ST-3,81

1849007 Datasheet (HTML) - PHOENIX CONTACT


1849007 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of rows: 1, number
of positions: 13, product range: LPC 1,5/..-ST, pitch: 3.81 mm, connection method: Lever Pushin
connection, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Tool-free lever principle enables time-saving connection and release of conductors with/without ferrules
• Clear lever positions provide reliable feedback on opened or closed clamping spaces
• Time-saving push-in connection when lever is closed
• Quick and convenient testing using integrated test option




Similar Part No. - 1849007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1849010 PHOENIX-1849010 Datasheet
584Kb / 13P
PCB connector - LPC 1,5/14-ST-3,81
Jul 20, 2022
1849011 PHOENIX-1849011 Datasheet
95Kb / 4P
Printed-circuit board connector - MSTBP 2,5/ 5-ST-5,08 ABGYAU
1849023 PHOENIX-1849023 Datasheet
584Kb / 13P
PCB connector - LPC 1,5/15-ST-3,81
Jul 20, 2022
1849024 PHOENIX-1849024 Datasheet
222Kb / 10P
Feed-through header - MSTBA 2,5/ 5-G-5,08 ABGY AU
1849036 PHOENIX-1849036 Datasheet
584Kb / 13P
PCB connector - LPC 1,5/16-ST-3,81
Jul 20, 2022
More results


Similar Description - 1849007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1848998 PHOENIX-1848998 Datasheet
670Kb / 16P
PCB connector - LPC 1,5/12-ST-3,81
Jul 20, 2022
1849010 PHOENIX-1849010 Datasheet
584Kb / 13P
PCB connector - LPC 1,5/14-ST-3,81
Jul 20, 2022
1849308 PHOENIX-1849308 Datasheet
479Kb / 10P
PCB connector - LPC 1,5/13-ST-3,81-LR
Jul 20, 2022
1848985 PHOENIX-1848985 Datasheet
684Kb / 16P
PCB connector - LPC 1,5/11-ST-3,81
Jul 20, 2022
1849159 PHOENIX-1849159 Datasheet
594Kb / 13P
PCB connector - LPC 1,5/13-STF-3,81
Jul 20, 2022
1848901 PHOENIX-1848901 Datasheet
711Kb / 17P
PCB connector - LPC 1,5/ 3-ST-3,81
Jul 20, 2022
1848927 PHOENIX-1848927 Datasheet
712Kb / 17P
PCB connector - LPC 1,5/ 5-ST-3,81
Jul 20, 2022
1848930 PHOENIX-1848930 Datasheet
712Kb / 17P
PCB connector - LPC 1,5/ 6-ST-3,81
Jul 20, 2022
1848956 PHOENIX-1848956 Datasheet
710Kb / 17P
PCB connector - LPC 1,5/ 8-ST-3,81
Jul 20, 2022
1848969 PHOENIX-1848969 Datasheet
711Kb / 17P
PCB connector - LPC 1,5/ 9-ST-3,81
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com