Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3644 Datasheet (PDF) - PHOENIX CONTACT

3644 Datasheet PDF - PHOENIX CONTACT
Part # 3644
Download  3644 Download
File Size   790.74 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal magnetic UL 489 miniature circuit breakers

3644 Datasheet (PDF)

Go To PDF Page Download Datasheet
3644 Datasheet PDF - PHOENIX CONTACT

Part # 3644
Download  3644 Click to download

File Size   790.74 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermal magnetic UL 489 miniature circuit breakers

3644 Datasheet (HTML) - PHOENIX CONTACT


3644 Product details

Description
TMC 8... miniature circuit breakers (MCB) are UL 489 listed
and provide branch overload and short-circuit protection.
An interrupt capacity of 10 kAIC at up to 277/480 V AC and
125 V DC makes the series ideal for a wide range of
applications.
The circuit breakers are available in 1-, 2-, and 3-pole
configurations with B, C, and D trip curve options. They are
17.6 mm wide (per pole) and mount on 35 mm NS35 rail.
Available accessories include an auxiliary contact, bell
alarm contact, shunt trips, lockout/tag out component and
busbar. The TMC 8... is UL listed for the U.S. and Canada,
TÜV listed, and carries the CE mark.

Typical applications
TMC 8... circuit breakers are suitable for protection of
– cables
– motors
– generators and transformers
– thyristors
– silicon rectifiers
– computers and peripheral equipment
– industrial process control systems
– telecommunications equipment
– power supplies.




Similar Part No. - 3644

ManufacturerPart #DatasheetDescription
logo
Lumberg
3644 LUMBERG-3644 Datasheet
88Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
logo
3M Electronics
3644 3M-3644 Datasheet
870Kb / 6P
3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
13-May-2009
logo
Lumberg
3644 LUMBERG-3644 Datasheet
538Kb / 3P
RAST 5 connectors, pitch 5.0 mm
logo
List of Unclassifed Man...
36440 ETC2-36440 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
Lumberg
364402 LUMBERG-364402 Datasheet
88Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
More results


Similar Description - 3644

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
Magnetic Hydraulic P&B Circuit Breakers
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
Miniature Molded Case Circuit Breakers
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
ETA SOLUTIONS CO. LIMIT...
446 ETA-446 Datasheet
212Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
2013/14
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com