Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBTL06DP212 Datasheet (PDF) - NXP Semiconductors

CBTL06DP212 Datasheet PDF - NXP Semiconductors
Part # CBTL06DP212
Download  CBTL06DP212 Download
File Size   158.46 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-performance DisplayPort Gen2 2 : 1 multiplexer

CBTL06DP212 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTL06DP212 Datasheet PDF - NXP Semiconductors

Part # CBTL06DP212
Download  CBTL06DP212 Click to download

File Size   158.46 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-performance DisplayPort Gen2 2 : 1 multiplexer

CBTL06DP212 Datasheet (HTML) - NXP Semiconductors


CBTL06DP212 Product details

General description
CBTL06DP212 is a high performance multi-channel Generation 2 multiplexer meant for
DisplayPort (DP) v1.2, v1.1a or Embedded DisplayPort applications operating at data rate
of 1.62 Gbit/s, 2.7 Gbit/s or 5.4 Gbit/s. It is designed using NXP proprietary
high-bandwidth pass-gate technology and it can be used for 1 : 2 switching or 2 : 1
multiplexing of four high-speed differential AC-coupled DP channels. Further, it is capable
of switching/multiplexing of Hot Plug Detect (HPD) signal as well as Auxiliary (AUX) and
Display Data Channel (DDC) signals. In order to support GPUs/CPUs that have dedicated
AUX and DDC I/Os, CBTL06DP212 provides an additional level of multiplexing of AUX
and DDC signals delivering true flexibility and choice.
A typical application of CBTL06DP212 is on motherboards where one of two GPU
DisplayPort sources needs to be selected to connect to a DisplayPort sink device or
connector. A controller chip selects which path to use by setting a select signal HIGH or
LOW. Due to the bidirectional nature of the signal paths, CBTL06DP212 can also be used
in the reverse topology, e.g., to connect one display source device to one of two display
sink devices or connectors.

Features and benefits
 1 : 2 switching or 2 : 1 multiplexing of DisplayPort (v1.2 - 5.4 Gbit/s) signals
 4 high-speed differential channels with 2 : 1 multiplexing/switching for DisplayPort
main link signals
 1 channel with 4 : 1 multiplexing/switching for AUX or DDC signals
 1 channel with 2 : 1 multiplexing/switching for HPD signal
 High-bandwidth: 5 GHz at 3 dB
 Low insertion loss:
 0.5 dB at 100 MHz
 3 dB at 5 GHz
 Low crosstalk: 35 dB at 3 GHz
 Low off-state isolation: 30 dB at 3 GHz
 Low return loss: 8 dB at 3 GHz
 Very low intra-pair skew (5 ps typical)
 Very low inter-pair skew (< 80 ps)
 Switch/multiplexer position select CMOS input
 DDC and AUX ports tolerant to being pulled to +5 V via 2.2 k resistor
 Supports HDMI/DVI incorrect dongle connection
 Single 3.3 V power supply
 Operation current of 2 mA typical
 ESD 8 kV HBM, 1 kV CDM
 ESD 2 kV HBM, 500 V CDM for control pins
 Available in 5 mm  5 mm, 0.5 mm ball pitch TFBGA48 package

Applications
 Motherboard applications requiring DisplayPort and PCI Express
switching/multiplexing
 Docking stations
 Notebook computers
 Chip sets requiring flexible allocation of PCI Express or DisplayPort I/O pins to board
connectors




Similar Part No. - CBTL06DP212

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
CBTL06DP212EE PHILIPS-CBTL06DP212EE Datasheet
120Kb / 19P
CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
More results


Similar Description - CBTL06DP212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
2:1 Multiplexer
February, 2000 ??Rev. 1
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
DisplayPort 1:2 Switch
logo
NXP Semiconductors
CBTL06122 NXP-CBTL06122 Datasheet
112Kb / 19P
High-performance DisplayPort/PCIe Gen2 hex display multiplexer
Rev. 02 ??16 April 2009
CBTL03SB212 NXP-CBTL03SB212 Datasheet
140Kb / 16P
DisplayPort Gen2 sideband signal multiplexer
Rev. 1-21 February 2011
CBTL06DP211 NXP-CBTL06DP211 Datasheet
153Kb / 18P
DisplayPort Gen1 2 : 1 multiplexer
Rev. 1-21 February 2011
CBTL02042A NXP-CBTL02042A Datasheet
336Kb / 16P
3.3 V, 2 differential channel, 2 : 1 multiplexer/demultiplexer switch for PCI Express Gen2
Rev. 1-10 March 2011
CBTL04DP211 PHILIPS-CBTL04DP211 Datasheet
465Kb / 17P
DisplayPort 2 : 1 multiplexer
Rev. 1-30 March 2011
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
CBTL06DP213 NXP-CBTL06DP213 Datasheet
243Kb / 17P
Third generation high-performance DisplayPort multiplexer
Rev. 4-23 March 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com