Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AG2101M8R Datasheet (PDF) - AiT Semiconductor Inc.

AG2101M8R Datasheet PDF - AiT Semiconductor Inc.
Part # AG2101M8R
Download  AG2101M8R Download
File Size   585.73 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER

AG2101M8R Datasheet (PDF)

Go To PDF Page Download Datasheet
AG2101M8R Datasheet PDF - AiT Semiconductor Inc.

Part # AG2101M8R
Download  AG2101M8R Click to download

File Size   585.73 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER

AG2101M8R Datasheet (HTML) - AiT Semiconductor Inc.


AG2101M8R Product details

DESCRIPTION
The AG2101 is a high voltage, high speed power MOSFET and IGBT driver based on P_SUB P_EPI process. The floating channel driver can be used to drive two N-channel power MOSFET or IGBT independently which operates up to 600V. Logic inputs are compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are matched to simplify use in high frequency applications.
AG2101 is available in a SOP8 package.

FEATURES
 Fully operational to +600V
 3.3V logic compatible
 dV/dt Immunity ±50V/nsec
 Floating channel designed for bootstrap operation
 Gate drive supply range from 10V to 20V
 UVLO for both channels
 Output Source / Sink Current Capability 300mA /600mA
 Independent Logic Inputs to Accommodate All
Topologies
 -5V negative Vs ability
 Matched propagation delay for both channels
 Available in a SOP8 package.

APPLICATION
 Small and medium- power motor driver
 Power MOSFET or IGBT driver




Similar Part No. - AG2101M8R

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG210 SILVERTEL-AG210 Datasheet
761Kb / 17P
PoE LED Driver
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2104M8R AITSEMI-AG2104M8R Datasheet
557Kb / 9P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2104M8VR AITSEMI-AG2104M8VR Datasheet
557Kb / 9P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2106 AITSEMI-AG2106 Datasheet
997Kb / 15P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
More results


Similar Description - AG2101M8R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7842 FAIRCHILD-FAN7842_07 Datasheet
364Kb / 13P
High and Low Side Gate Driver
logo
Diodes Incorporated
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
High and low side gate driver
February 25, 2015
logo
AiT Semiconductor Inc.
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com