Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1192640 Datasheet (PDF) - PHOENIX CONTACT

1192640 Datasheet PDF - PHOENIX CONTACT
Part # 1192640
Download  1192640 Download
File Size   453.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 6/ 6-GU-7,62 P26THR

1192640 Datasheet (PDF)

Go To PDF Page Download Datasheet
1192640 Datasheet PDF - PHOENIX CONTACT

Part # 1192640
Download  1192640 Click to download

File Size   453.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - PC 6/ 6-GU-7,62 P26THR

1192640 Datasheet (HTML) - PHOENIX CONTACT


1192640 Product details

PCB headers, nominal cross section: 6 mm2, color: black, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Tin, type of contact: Male connector, number of rows: 1, number of
positions: 6, product range: PC 6/..-GU-THR, pitch: 7.62 mm, mounting: THR soldering, solder
pin [P]: 2.6 mm, number of solder pins per potential: 3, plug-in system: COMBICON PC 6, Pin
connector pattern alignment: reversed, locking: without, mounting: without, type of packaging:packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Increased touch protection in the pin connector pattern for maximum safety even when not plugged in
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1192640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1192641 PHOENIX-1192641 Datasheet
454Kb / 11P
PCB header - PCH 6/ 36-GL3-7,62 P26THR
Jul 20, 2022
1192642 PHOENIX-1192642 Datasheet
453Kb / 11P
PCB header - PCH 6/ 46-GL4-7,62 P26THR
Jul 20, 2022
1192644 PHOENIX-1192644 Datasheet
451Kb / 11P
PCB header - PCH 6/ 56-GL5-7,62 P26THR
Jul 20, 2022
1192646 PHOENIX-1192646 Datasheet
455Kb / 10P
PCB header - PC 6/ 2-GL2U-7,62 P26THR
Jul 20, 2022
1192647 PHOENIX-1192647 Datasheet
455Kb / 10P
PCB header - PC 6/ 3-GL2U-7,62 P26THR
Jul 20, 2022
More results


Similar Description - 1192640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1190486 PHOENIX-1190486 Datasheet
439Kb / 10P
PCB header - PC 6/ 2-G-7,62 P26THR
Jul 20, 2022
1190492 PHOENIX-1190492 Datasheet
446Kb / 10P
PCB header - PC 6/ 5-G-7,62 P26THR
Jul 20, 2022
1190494 PHOENIX-1190494 Datasheet
445Kb / 10P
PCB header - PC 6/ 6-G-7,62 P26THR
Jul 20, 2022
1190541 PHOENIX-1190541 Datasheet
448Kb / 10P
PCB header - PC 6/ 6-GL4-7,62 P26THR
Jul 20, 2022
1192633 PHOENIX-1192633 Datasheet
447Kb / 10P
PCB header - PC 6/ 2-GU-7,62 P26THR
Jul 20, 2022
1192635 PHOENIX-1192635 Datasheet
454Kb / 10P
PCB header - PC 6/ 3-GU-7,62 P26THR
Jul 20, 2022
1192636 PHOENIX-1192636 Datasheet
454Kb / 10P
PCB header - PC 6/ 4-GU-7,62 P26THR
Jul 20, 2022
1192638 PHOENIX-1192638 Datasheet
454Kb / 10P
PCB header - PC 6/ 5-GU-7,62 P26THR
Jul 20, 2022
1192646 PHOENIX-1192646 Datasheet
455Kb / 10P
PCB header - PC 6/ 2-GL2U-7,62 P26THR
Jul 20, 2022
1192653 PHOENIX-1192653 Datasheet
455Kb / 10P
PCB header - PC 6/ 6-GL4U-7,62 P26THR
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com