Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2N7002FDW Datasheet (PDF) - AiT Semiconductor Inc.

AM2N7002FDW Datasheet PDF - AiT Semiconductor Inc.
Part # AM2N7002FDW
Download  AM2N7002FDW Download
File Size   349.66 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 30V SMALL SIGNAL DUAL N-CHANNEL MOSFET

AM2N7002FDW Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2N7002FDW Datasheet PDF - AiT Semiconductor Inc.

Part # AM2N7002FDW
Download  AM2N7002FDW Click to download

File Size   349.66 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 30V SMALL SIGNAL DUAL N-CHANNEL MOSFET

AM2N7002FDW Datasheet (HTML) - AiT Semiconductor Inc.


AM2N7002FDW Product details

DESCRIPTION
The AM2N7002FDW is available in SOT-363 Package

FEATURES
 RDS(ON)≤8Ω @VGS=4V
 RDS(ON)≤13Ω @VGS=2.5V
 Super high density cell design for extremely low RDS(ON)
 Exceptional on-resistance and maximum DC current capability
 Capable doing Cu wire bonding
 ESD Protected:1000V
 Available in SOT-363 Package

APPLICATIONS
 Power Management in Note book
 Portable Equipment
 Battery Powered System
 Load Switch




Similar Part No. - AM2N7002FDW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2N7002 AITSEMI-AM2N7002 Datasheet
832Kb / 8P
MOSFET SMALL SIGNAL N-CHANNEL 115mA, 60 V
REV2.2
AM2N7002DW AITSEMI-AM2N7002DW Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DWC6R AITSEMI-AM2N7002DWC6R Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DWC6VR AITSEMI-AM2N7002DWC6VR Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002E3R AITSEMI-AM2N7002E3R Datasheet
832Kb / 8P
MOSFET SMALL SIGNAL N-CHANNEL 115mA, 60 V
REV2.2
More results


Similar Description - AM2N7002FDW

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
2N7002 STANSON-2N7002 Datasheet
172Kb / 2P
N Channel Small Signal MOSFET
logo
Weitron Technology
2N7002 WEITRON-2N7002 Datasheet
473Kb / 4P
Small Signal MOSFET N-Channel
logo
Fairchild Semiconductor
2N7002MTF FAIRCHILD-2N7002MTF_01 Datasheet
116Kb / 5P
N-Channel Small Signal MOSFET
logo
SeCoS Halbleitertechnol...
2N7002KDW SECOS-2N7002KDW Datasheet
431Kb / 2P
Dual N-Channel Small Signal MOSFET
2N7002KDW SECOS-2N7002KDW_15 Datasheet
431Kb / 2P
Dual N-Channel Small Signal MOSFET
logo
ON Semiconductor
3LN01C ONSEMI-3LN01C Datasheet
259Kb / 6P
N-Channel Small Signal MOSFET
June, 2013
NTND3184NZ ONSEMI-NTND3184NZ Datasheet
76Kb / 5P
Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
NTND31015NZ ONSEMI-NTND31015NZ Datasheet
77Kb / 5P
Dual N-Channel Small Signal MOSFET
November, 2015 ??Rev. 1
logo
SEC Electronics Inc.
2N7002KDW SECELECTRONICS-2N7002KDW Datasheet
431Kb / 2P
Dual N-Channel Small Signal MOSFET
logo
AiT Semiconductor Inc.
AM2N7002DW AITSEMI-AM2N7002DW Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com