Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2N7002K Datasheet (PDF) - AiT Semiconductor Inc.

AM2N7002K Datasheet PDF - AiT Semiconductor Inc.
Part # AM2N7002K
Download  AM2N7002K Download
File Size   548.16 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 60V, SMALL SIGNAL NMOS MOSFET

AM2N7002K Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2N7002K Datasheet PDF - AiT Semiconductor Inc.

Part # AM2N7002K
Download  AM2N7002K Click to download

File Size   548.16 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 60V, SMALL SIGNAL NMOS MOSFET

AM2N7002K Datasheet (HTML) - AiT Semiconductor Inc.


AM2N7002K Product details

DESCRIPTION
The AM2N7002K is available in SOT-23 Package

FEATURES
 ESD Protected
 Low RDS(ON)
 Surface Mount Package
 RoHS Compliant
 Available in SOT-23 package

APPLICATION
 Low Side Load Switch
 Level Shift Circuits
 DC−DC Converter
 Portable Applications i.e. DSC, PDA, Cell Phone, etc.




Similar Part No. - AM2N7002K

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2N7002 AITSEMI-AM2N7002 Datasheet
832Kb / 8P
MOSFET SMALL SIGNAL N-CHANNEL 115mA, 60 V
REV2.2
AM2N7002DW AITSEMI-AM2N7002DW Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DWC6R AITSEMI-AM2N7002DWC6R Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002DWC6VR AITSEMI-AM2N7002DWC6VR Datasheet
387Kb / 7P
MOSFET 60V SMALL SIGNAL DUAL N-CHANNEL MOSFET
REV1.1
AM2N7002E3R AITSEMI-AM2N7002E3R Datasheet
832Kb / 8P
MOSFET SMALL SIGNAL N-CHANNEL 115mA, 60 V
REV2.2
More results


Similar Description - AM2N7002K

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM2362 UNIONSEMI-UM2362 Datasheet
222Kb / 5P
60V (D-S) Small Signal MOSFET
logo
Rohm
RK7002BMHZG ROHM-RK7002BMHZG Datasheet
2Mb / 14P
Nch 60V 250mA Small Signal MOSFET
RSQ015N06HZG ROHM-RSQ015N06HZG Datasheet
2Mb / 15P
Nch 60V 1.5A Small Signal MOSFET
BSS84XHZG ROHM-BSS84XHZG Datasheet
5Mb / 14P
Pch -60V -230mA Small Signal MOSFET
BSS138BKW ROHM-BSS138BKW Datasheet
5Mb / 14P
Nch 60V 380mA Small Signal MOSFET
RV8L002SNHZG ROHM-RV8L002SNHZG Datasheet
4Mb / 14P
Nch 60V 250mA Small Signal MOSFET
QH8KC6 ROHM-QH8KC6 Datasheet
2Mb / 14P
60V NchNch Small Signal MOSFET
logo
AiT Semiconductor Inc.
AM2N7002T AITSEMI-AM2N7002T Datasheet
764Kb / 8P
MOSFET SMALL SIGNAL NMOS
REV1.0
AM2N7002W AITSEMI-AM2N7002W Datasheet
362Kb / 7P
MOSFET 60V, SMALL SIGNAL NMOS MOSFET
REV1.1
logo
Rohm
BSS138W ROHM-BSS138W Datasheet
4Mb / 14P
Nch 60V 310mA Small Signal MOSFET
20201202 - Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com