Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3023 Datasheet (PDF) - PHOENIX CONTACT

3023 Datasheet PDF - PHOENIX CONTACT
Part # 3023
Download  3023 Download
File Size   900.23 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 12 V DC electronic circuit breakers

3023 Datasheet (PDF)

Go To PDF Page Download Datasheet
3023 Datasheet PDF - PHOENIX CONTACT

Part # 3023
Download  3023 Click to download

File Size   900.23 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description 12 V DC electronic circuit breakers

3023 Datasheet (HTML) - PHOENIX CONTACT


3023 Product details

Description
The EC 1 12DC… electronic circuit breakers selectively
protect 12 V DC load circuits in hazardous and nonhazardous
environments. A combination of an active
electronic current limit for short circuits and an overload
shutdown ensures that the EC 1 12DC… will quickly react to
an over-current condition in the protected circuit.
Current limitation restricts fault current to 1.5 - 1.8 times the
nominal current rating (IN). As a result, the EC 1 12DC… can
prevent the loss of the DC output voltage sometimes
experienced when a faulted circuit triggers a switched-mode
power supply into self-protected output-shutdown mode.
Capacitive loads of up to 75,000 μF can be protected.
The EC 1 12DC… electronic circuit breakers are available
with nominal current ratings from 1 to 10 A. Local status
indication is provided by a multi-color LED, and remote
status indication is available via status output (+12 V = OK).
Manual on/off and reset is accomplished using the
integrated slide switch. Remote reset (EC 1 12DC…S-R)
and remote on/off (EC 1 12DC… S-C) versions are
available.
The EC 1 12DC… can be snapped onto 35 mm mounting
rails (EN 50022) for fast and easy installation. At just
12.5 mm wide, it requires only a small space on the rail.
Screw connection technology provides secure and reliable
wire connection.
The integrated current distribution system is another
advantage of the EC 1 12DC… circuit breakers. Wiring can
be implemented easily using available busbar.

Features
– Selective load protection
– Current limitation on overload/short circuits
– Protection for capacitive circuits up to 75,000 μF
– Current ratings from 1 to 10 A
– Manual on/off/reset slide switch
– Electronic reset option
– Electronic on/off option
– 12.5 mm width for minimal rail footprint
– Bridging available for line (+) and return (-)
– Remote status indication (+12 V = OK)
– Multi-color status LEDs




Similar Part No. - 3023

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3023 KEYSTONE-3023 Datasheet
222Kb / 1P
PC COIN CELL CLIP FOR TWO 2020 OR 2025
9.9.09
logo
Abbatron All Rights Res...
3023 ABBATRON-3023 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3023 KEYSTONE-3023 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
3023-2 KEYSTONE-3023-2 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
logo
List of Unclassifed Man...
3023-A-N ETC2-3023-A-N Datasheet
445Kb / 8P
Wide Range LED Power Module
More results


Similar Description - 3023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
Magnetic Hydraulic Circuit Breakers
logo
Cooper Bussmann, Inc.
UCB-20 COOPER-UCB-20 Datasheet
269Kb / 5P
Automotive Circuit Breakers
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
CIRCUIT BREAKERS FOR EQUIPMENT
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
R59 NTE-R59 Datasheet
494Kb / 1P
Circuit Breakers
logo
STMicroelectronics
STEF12H60M STMICROELECTRONICS-STEF12H60M Datasheet
2Mb / 34P
60 A electronic fuse for 12 V DC rail
11-May-2021
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
Thermomagnetic circuit breakers
2010-08-18
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
Circuit Breakers, Molded Case Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com