Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3407 Datasheet (PDF) - AiT Semiconductor Inc.

AM3407 Datasheet PDF - AiT Semiconductor Inc.
Part # AM3407
Download  AM3407 Download
File Size   698.83 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM3407 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM3407 Datasheet PDF - AiT Semiconductor Inc.

Part # AM3407
Download  AM3407 Click to download

File Size   698.83 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM3407 Datasheet (HTML) - AiT Semiconductor Inc.


AM3407 Product details

DESCRIPTION
The AM3407 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a load switch or in PWM applications.
The AM3407 is available in SOT-23 package.

FEATURES
 VDS = -30V,ID = -4.1A
RDS(ON) < 95mΩ @ VGS=-4.5V
RDS(ON) < 65mΩ @ VGS=-10V
 High Power and current handing capability
 Surface Mount Package
 Available in SOT-23 Package

APPLICATION
 PWM applications
 Load switch
 Power management




Similar Part No. - AM3407

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3407A AITSEMI-AM3407A Datasheet
563Kb / 8P
MOSFET -30V P-CHANNEL ENHANCEMENT MODE
REV1.0
AM3407AE3R AITSEMI-AM3407AE3R Datasheet
563Kb / 8P
MOSFET -30V P-CHANNEL ENHANCEMENT MODE
REV1.0
AM3407AE3VR AITSEMI-AM3407AE3VR Datasheet
563Kb / 8P
MOSFET -30V P-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Analog Power
AM3407PE ANALOGPOWER-AM3407PE Datasheet
525Kb / 5P
P-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM3407PE-T1-PF VBSEMI-AM3407PE-T1-PF Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM3407

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
AiT Semiconductor Inc.
AM2305 AITSEMI-AM2305 Datasheet
749Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3415A AITSEMI-AM3415A Datasheet
838Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com