Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3412 Datasheet (PDF) - AiT Semiconductor Inc.

AM3412 Datasheet PDF - AiT Semiconductor Inc.
Part # AM3412
Download  AM3412 Download
File Size   431.95 Kbytes
Page   7 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET N-CHANNEL ENHANCEMENT MODE

AM3412 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM3412 Datasheet PDF - AiT Semiconductor Inc.

Part # AM3412
Download  AM3412 Click to download

File Size   431.95 Kbytes
Page   7 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET N-CHANNEL ENHANCEMENT MODE

AM3412 Datasheet (HTML) - AiT Semiconductor Inc.


AM3412 Product details

DESCRIPTION
The AM3412 is available in SOT-23S Package Type

FEATURES
 50V/0.1A,
RDS(ON)=3.5Ω(MAX) @VGS=5V ID = 0.1A
RDS(ON) = 10Ω(MAX) @VGS= 2.75V. ID = 0.1A
 Super High dense cell design for extremely low RDS(ON).
 Reliable and Rugged.
 Low Threshold Voltage (0.5V- 1.5V) Make it Ideal for Low Voltage Applications.
 Available in SOT-23S Package

APPLICATIONS
 Power Management in DC/DC Converters, Portable and Battery-powered Products.




Similar Part No. - AM3412

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3412N ANALOGPOWER-AM3412N Datasheet
376Kb / 5P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM3412

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com