Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP250MPBF Datasheet (PDF) - Infineon Technologies AG

IRFP250MPBF Datasheet PDF - Infineon Technologies AG
Part # IRFP250MPBF
Download  IRFP250MPBF Download
File Size   1133.19 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description IR MOSFET?

IRFP250MPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP250MPBF Datasheet PDF - Infineon Technologies AG

Part # IRFP250MPBF
Download  IRFP250MPBF Click to download

File Size   1133.19 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description IR MOSFET?

IRFP250MPBF Datasheet (HTML) - Infineon Technologies AG


IRFP250MPBF Product details

Features
 Advanced Process Technology
 Dynamic dv/dt Rating
 175°C Operating Temperature
 Fast Switching
 Fully Avalanche Rated
 Ease of Paralleling
 Simple Drive Requirements
 Lead-Free

Description
IR MOSFET™ technology from Infineon utilizes
advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit,
combined with the fast switching speed and rugged
device design that IR MOSFET™ devices are well
known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The TO-247 package is preferred for commercialindustrial
applications where higher power levels
preclude the use of TO-220 devices. The TO-247 is
similar but superior to the earlier TO-218 package
because of its isolated mounting hole.




Similar Part No. - IRFP250MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP250MPBF IRF-IRFP250MPBF Datasheet
262Kb / 9P
HEXFET짰 Power MOSFET
IRFP250MPBF IRF-IRFP250MPBF Datasheet
642Kb / 8P
Advanced Process Technology
logo
Thinki Semiconductor Co...
IRFP250MPBF THINKISEMI-IRFP250MPBF Datasheet
4Mb / 8P
ThinkiSemi 200V,30A N-Channel Planar Process Power MOSFETs
logo
International Rectifier
IRFP250MPBF IRF-IRFP250MPBF_15 Datasheet
642Kb / 8P
Advanced Process Technology
More results


Similar Description - IRFP250MPBF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
IR Sensor
KME-M002C KODENSHI-KME-M002C_07 Datasheet
150Kb / 2P
IR Sensor
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
IR touchscreen
logo
Infineon Technologies A...
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF250P225 INFINEON-IRF250P225 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200P223 INFINEON-IRF200P223 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRF7749L1TRPBF INFINEON-IRF7749L1TRPBF Datasheet
1Mb / 18P
IR MOSFET-DirectFET?
V2.2 2019-02-20
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com