Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4435 Datasheet (PDF) - AiT Semiconductor Inc.

AM4435 Datasheet PDF - AiT Semiconductor Inc.
Part # AM4435
Download  AM4435 Download
File Size   664.74 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM4435 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4435 Datasheet PDF - AiT Semiconductor Inc.

Part # AM4435
Download  AM4435 Click to download

File Size   664.74 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM4435 Datasheet (HTML) - AiT Semiconductor Inc.


AM4435 Product details

DESCRIPTION
The AM4435 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V.
The AM4435 is available in SOP8 Package

FEATURES
 VDS = -30V,ID = -9.1A
RDS(ON) < 35mΩ@ VGS=-4.5V
RDS(ON) < 20mΩ@ VGS=-10V
 High Power and current handing capability
 Surface Mount Package
 Available in SOP8 Package

APPLICATION
 Battery Switch
 Load switch
 Power management




Similar Part No. - AM4435

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM4435 AITSEMI-AM4435 Datasheet
331Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0 - JUN 2010
AM4435A AITSEMI-AM4435A Datasheet
511Kb / 8P
P-CHANNEL ENHANCEMENT MODE
REV1.0
AM4435AM8R AITSEMI-AM4435AM8R Datasheet
511Kb / 8P
P-CHANNEL ENHANCEMENT MODE
REV1.0
AM4435AM8VR AITSEMI-AM4435AM8VR Datasheet
511Kb / 8P
P-CHANNEL ENHANCEMENT MODE
REV1.0
logo
VBsemi Electronics Co.,...
AM4435M8R VBSEMI-AM4435M8R Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM4435

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com