Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C2V0 Datasheet (PDF) - AiT Semiconductor Inc.

BZT52C2V0 Datasheet PDF - AiT Semiconductor Inc.
Part # BZT52C2V0
Download  BZT52C2V0 Download
File Size   405.54 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V

BZT52C2V0 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C2V0 Datasheet PDF - AiT Semiconductor Inc.

Part # BZT52C2V0
Download  BZT52C2V0 Click to download

File Size   405.54 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V

BZT52C2V0 Datasheet (HTML) - AiT Semiconductor Inc.


BZT52C2V0 Product details

DESCRIPTION
The BZT52C2V0~BZT52C75 are available in SOD-123 Package.

FEATURES
 Total power dissipation: Max. 500mW.
 Wide zener reverse voltage range 2.0V to 75V.
 Small plastic package suitable for surface mounted design.
 Tolerance approximately±5%
 Available in SOD-123 Package

MECHANICAL DATA
Case : SOD-123 Terminals: Solderable per MIL-STD-750, Method 2026




Similar Part No. - BZT52C2V0

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C2V0 DIODES-BZT52C2V0 Datasheet
79Kb / 3P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 21 - 2
BZT52C2V0 DIODES-BZT52C2V0 Datasheet
89Kb / 4P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 28 - 2
logo
Guangdong Kexin Industr...
BZT52C2V0 KEXIN-BZT52C2V0 Datasheet
50Kb / 2P
Surface Mount Zener Diodes
logo
Diodes Incorporated
BZT52C2V0 DIODES-BZT52C2V0 Datasheet
171Kb / 4P
SURFACE MOUNT ZENER DIODE
DS18004 Rev. 32 - 2
logo
Galaxy Semi-Conductor H...
BZT52C2V0 BILIN-BZT52C2V0 Datasheet
174Kb / 4P
Surface mount zener diode
More results


Similar Description - BZT52C2V0

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
ZENER DIODE, 500mW
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
ZENER DIODE, 500mW
logo
New Jersey Semi-Conduct...
1N5728 NJSEMI-1N5728 Datasheet
68Kb / 1P
ZENER VOLTAGE 4.7 TO 75V
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
500mW ZENER DIODE
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
500mW ZENER DIODE
LL55C2V4 ZSELEC-LL55C2V4 Datasheet
503Kb / 3P
500mW ZENER DIODE
logo
E-CMOS Corporation
ECCZD55C2V0 E-CMOS-ECCZD55C2V0 Datasheet
293Kb / 7P
500mW Surface Mount Zener Diodes - 2.0V-100V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com